전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5320BRTZ-500RL71 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD5320BRTZ-500RL71
상세설명  2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5320BRTZ-500RL71 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD5320BRTZ-500RL71 Datasheet HTML 2Page - Analog Devices AD5320BRTZ-500RL71 Datasheet HTML 3Page - Analog Devices AD5320BRTZ-500RL71 Datasheet HTML 4Page - Analog Devices AD5320BRTZ-500RL71 Datasheet HTML 5Page - Analog Devices AD5320BRTZ-500RL71 Datasheet HTML 6Page - Analog Devices AD5320BRTZ-500RL71 Datasheet HTML 7Page - Analog Devices AD5320BRTZ-500RL71 Datasheet HTML 8Page - Analog Devices AD5320BRTZ-500RL71 Datasheet HTML 9Page - Analog Devices AD5320BRTZ-500RL71 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5320
Rev. C | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD5320
TOP VIEW
(Not to Scale)
VOUT 1
GND 2
VDD 3
SYNC
SCLK
DIN
6
5
4
Figure 3. SOT-23 Pin Configuration
AD5320
TOP VIEW
(Not to Scale)
VDD 1
NC 2
NC 3
VOUT 4
SYNC
SCLK
DIN
GND
8
7
6
5
NC = NO CONNECT
Figure 4. MSOP Pin Configuration
Table 4. Pin Function Descriptions
SOT-23
Pin No.
MSOP
Pin No.
Mnemonic
Description
1
4
VOUT
Analog Output Voltage from DAC. The output amplifier has rail-to-rail operation.
2
8
GND
Ground Reference Point for All Circuitry on the Part.
3
1
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and VDD should be decoupled
to GND.
4
7
DIN
Serial Data Input. This device has a 16-bit shift register. Data is clocked into the register on the falling
edge of the serial clock input.
5
6
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock
input. Data can be transferred at rates up to 30 MHz.
6
5
SYNC
Level Triggered Control Input (Active Low). This is the frame synchronization signal for the input data.
When SYNC goes low, it enables the input shift register and data is transferred in on the falling edges
of the following clocks. The DAC is updated following the 16th clock cycle unless SYNC is taken high
before this edge, in which case the rising edge of SYNC acts as an interrupt and the write sequence is
ignored by the DAC.
2, 3
NC
No Connect.


유사한 부품 번호 - AD5320BRTZ-500RL71

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5320BRT AD-AD5320BRT Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
More results

유사한 설명 - AD5320BRTZ-500RL71

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com