전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQB2N50 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FQB2N50
상세설명  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB2N50 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FQB2N50 Datasheet HTML 1Page - Fairchild Semiconductor FQB2N50 Datasheet HTML 2Page - Fairchild Semiconductor FQB2N50 Datasheet HTML 3Page - Fairchild Semiconductor FQB2N50 Datasheet HTML 4Page - Fairchild Semiconductor FQB2N50 Datasheet HTML 5Page - Fairchild Semiconductor FQB2N50 Datasheet HTML 6Page - Fairchild Semiconductor FQB2N50 Datasheet HTML 7Page - Fairchild Semiconductor FQB2N50 Datasheet HTML 8Page - Fairchild Semiconductor FQB2N50 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
  
 
  #01 &$
"!#01 &$
2 $ 3"!#01 &$

6/


#-
6/
2/
**7
*8
**7
.



6/


#-
6/
2/
**7
*8
**7
.


6/
2/
*3
9*3


 
 


22

2/
)
6
6/
6/
2/
*3
9*3


 
 


22

2/
)
6
6/
-/ -/




2// 22
2//
22
2/
2//

22
-/
2/
2


6

 2

-/ -/



-/ -/







2// 22
2//
22
2/
2//

22
-/
2/
2


6

 2
 2



유사한 부품 번호 - FQB2N50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB2N30 FAIRCHILD-FQB2N30 Datasheet
746Kb / 9P
   300V N-Channel MOSFET
FQB2N60 FAIRCHILD-FQB2N60 Datasheet
580Kb / 9P
   600V N-Channel MOSFET
FQB2N80 FAIRCHILD-FQB2N80 Datasheet
659Kb / 9P
   800V N-Channel MOSFET
FQB2N90 FAIRCHILD-FQB2N90 Datasheet
759Kb / 9P
   900V N-Channel MOSFET
FQB2N90 FAIRCHILD-FQB2N90 Datasheet
765Kb / 9P
   900V N-Channel MOSFET
More results

유사한 설명 - FQB2N50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com