전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5391BCPZ-5-REEL7 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD5391BCPZ-5-REEL7
상세설명  8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5391BCPZ-5-REEL7 데이터시트(HTML) 1 Page - Analog Devices

  AD5391BCPZ-5-REEL7 Datasheet HTML 1Page - Analog Devices AD5391BCPZ-5-REEL7 Datasheet HTML 2Page - Analog Devices AD5391BCPZ-5-REEL7 Datasheet HTML 3Page - Analog Devices AD5391BCPZ-5-REEL7 Datasheet HTML 4Page - Analog Devices AD5391BCPZ-5-REEL7 Datasheet HTML 5Page - Analog Devices AD5391BCPZ-5-REEL7 Datasheet HTML 6Page - Analog Devices AD5391BCPZ-5-REEL7 Datasheet HTML 7Page - Analog Devices AD5391BCPZ-5-REEL7 Datasheet HTML 8Page - Analog Devices AD5391BCPZ-5-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
8-/16-Channel, 3 V/5 V, Serial Input,
Single-Supply, 12-/14-Bit Voltage Output
Data Sheet
AD5390/AD5391/AD5392
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2012 Analog Devices, Inc. All rights reserved.
FEATURES
AD5390: 16-channel, 14-bit voltage output DAC
AD5391: 16-channel, 12-bit voltage output DAC
AD5392: 8-channel, 14-bit voltage output DAC
Guaranteed monotonic
INL
±1 LSB max (AD5391)
±3 LSB max (AD5390-5/AD5392-5)
±4 LSB max (AD5390-3/AD5392-3)
On-chip 1.25 V/2.5 V, 10 ppm/°C reference
Temperature range: −40°C to +85°C
Rail-to-rail output amplifier
Power-down mode
Package types
64-lead LFCSP (9 mm × 9 mm)
52-lead LQFP (10 mm × 10 mm)
User interfaces
Serial SPI-, QSPI-, MICROWIRE-, and DSP-compatible
(featuring data readback)
I2C-compatible interface
Integrated functions
channel monitor
simultaneous output update via LDAC
clear function to user-programmable code
amplifier boost mode to optimize slew rate
user-programmable offset and gain adjust
toggle mode enables square wave generation
thermal monitor
Robust 6.5 kV HBM and 2 kV FICDM ESD rating
APPLICATIONS
Instrumentation and industrial control
Power amplifier control
Level setting (ATE)
Control systems
Microelectromechanical systems (MEMs)
Variable optical attenuators (VOAs)
Optical transceivers (MSA 300, XFP)
FUNCTIONAL BLOCK DIAGRAM
R
DAC 0
R
VOUT 0
DAC
REG
0
14
14
R
DAC 1
R
VOUT 1
VOUT 2
VOUT 3
VOUT 4
VOUT 5
DAC
REG
1
14
14
R
DAC 6
R
VOUT 6
DAC
REG
6
14
14
R
DAC 7
R
VOUT 7
VOUT 8
VOUT 15
DAC
REG
7
14
14
m REG0
c REG0
14
14
14
14
INPUT
REG
0
m REG1
c REG1
14
14
14
14
INPUT
REG
1
m REG6
c REG6
14
14
14
14
INPUT
REG
6
m REG7
c REG7
14
14
14
14
INPUT
REG
7
STATE
MACHINE
AND
CONTROL
LOGIC
INTERFACE
CONTROL
LOGIC
DIN/SDA
DCEN/AD1
SPI/I2C
SCLK/SCL
SYNC/AD0
SDO
1.25V/2.5V
REFERENCE
AD5390
REFOUT/REFIN SIGNAL_GND (×2)
REF_GND
DAC_GND (×2)
AGND (×2)
AVDD (×2)
DGND (×3/×4)
DVDD (×3)
×2
LDAC
POWER-ON
RESET
BUSY
PD
CLR
RESET
MON_IN1
MON_IN2
MON_OUT
VIN0
VIN15
MUX
Figure 1.


유사한 부품 번호 - AD5391BCPZ-5-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5391BCPZ-5 AD-AD5391BCPZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
More results

유사한 설명 - AD5391BCPZ-5-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com