전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5391BSTZ-3 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD5391BSTZ-3
상세설명  8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5391BSTZ-3 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD5391BSTZ-3 Datasheet HTML 5Page - Analog Devices AD5391BSTZ-3 Datasheet HTML 6Page - Analog Devices AD5391BSTZ-3 Datasheet HTML 7Page - Analog Devices AD5391BSTZ-3 Datasheet HTML 8Page - Analog Devices AD5391BSTZ-3 Datasheet HTML 9Page - Analog Devices AD5391BSTZ-3 Datasheet HTML 10Page - Analog Devices AD5391BSTZ-3 Datasheet HTML 11Page - Analog Devices AD5391BSTZ-3 Datasheet HTML 12Page - Analog Devices AD5391BSTZ-3 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
AD5390/AD5391/AD5392
Rev. E | Page 9 of 44
Parameter
AD5390-31
AD5392-31
AD5391-31
Unit
Test Conditions/Comments
Logic Inputs (SCL, SDA Only)
VIH, Input High Voltage
0.7 × DVDD
0.7 × DVDD
V min
SMBus-compatible at DVDD < 3.6 V
VIL, Input Low Voltage
0.3 × DVDD
0.3 × DVDD
V max
SMBus-compatible at DVDD < 3.6 V
IIN, Input Leakage Current
±1
±1
µA max
VHYST, Input Hysteresis
0.05 × DVDD
0.05 × DVDD
V min
Glitch Rejection
50
50
ns max
Input filtering suppresses noise spikes <50 ns
Logic Outputs (BUSY, SDO)2
Output Low Voltage
0.4
0.4
V max
DVDD = 2.7 V to 5.5 V, sinking 200 µA
Output High Voltage
DVDD
− 0.5
DVDD − 0.5
V min
DVDD = 2.7 V to 3.6 V, SDO only, sourcing 200 µA
DVDD
− 0.1
DVDD − 0.1
V min
DVDD = 4.5 V to 5.5 V, SDO only, sourcing 200 µA
High Impedance Leakage Current
±1
±1
µA max
High Impedance Output
Capacitance
5
5
pF typ
Logic Output (SDA)2
VOL, Output Low Voltage
0.4
0.4
V max
ISINK = 3 mA
0.6
0.6
V max
ISINK = 6 mA
Three-State Leakage Current
±1
±1
µA max
Three-State Output
Capacitance
8
8
pF typ
POWER REQUIREMENTS
AVDD
2.7/3.6
2.7/3.6
V min/max
DVDD
2.7/5.5
2.7/5.5
V min/max
Power Supply Sensitivity2
∆Midscale/∆AVDD
−85
−85
dB typ
AIDD
0.375
0.375
mA/channel
max
Outputs unloaded, boost off,
0.25 mA/channel typ
AIDD
0.475
0.475
mA/channel
max
Outputs unloaded, boost on,
0.325 mA/channel typ
DIDD
1
1
mA max
VIH = DVDD, VIL = DGND
AIDD (Power-Down)
20
20
µA max
Typically 100 nA
DIDD (Power-Down)
20
20
µA max
Typically 1 µA
Power Dissipation
21
21
mW max
AD5390/AD5391 with outputs unloaded,
AVDD = DVDD = 3 V, boost off
12
12
mW max
AD5392 with outputs unloaded,
AVDD = DVDD = 3 V, boost off
1
AD539x-3 products are calibrated with a 1.25 V reference. Temperature range for all versions: −40°C to +85°C.
2
Guaranteed by characterization, not production tested.
3
Programmable either to 1.25 V typical or 2.5 V typical via the AD539x control register. Operating the AD539x-3 products with a reference of 2.5 V leads to a
degradation in performance accuracy.
4
Accuracy guaranteed from VOUT = 39 mV to AVDD − 50 mV.


유사한 부품 번호 - AD5391BSTZ-3

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5391BSTZ-3 AD-AD5391BSTZ-3 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
More results

유사한 설명 - AD5391BSTZ-3

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com