전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5553CRM-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5553CRM-REEL7
상세설명  Current Output/Serial Input, 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5553CRM-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5553CRM-REEL7 Datasheet HTML 4Page - Analog Devices AD5553CRM-REEL7 Datasheet HTML 5Page - Analog Devices AD5553CRM-REEL7 Datasheet HTML 6Page - Analog Devices AD5553CRM-REEL7 Datasheet HTML 7Page - Analog Devices AD5553CRM-REEL7 Datasheet HTML 8Page - Analog Devices AD5553CRM-REEL7 Datasheet HTML 9Page - Analog Devices AD5553CRM-REEL7 Datasheet HTML 10Page - Analog Devices AD5553CRM-REEL7 Datasheet HTML 11Page - Analog Devices AD5553CRM-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 8 of 20
CLOCK FREQUENCY (Hz)
3.0
2.5
0
100M
10k
100k
1M
10M
2.0
1.5
1.0
0.5
0xFFFF
0x0000
0x8000
0x5555
Figure 13. AD5543 Supply Current vs. Clock Frequency
FREQUENCY (Hz)
90
80
30
10k
1M
70
60
50
40
20
10
0
1k
100
10
VDD = 5V ± 10%
VREF = 10V
100k
Figure 14. Power Supply Rejection Ratio (PSRR) vs. Frequency
20
–160
–140
–120
–100
–80
–60
–40
–20
0
0
25
20
15
10
5
FREQUENCY (kHz)
Figure 15. AD5543/AD5553 Analog THD
5V
A2
–5V
67.72µs
DLY
2V
136ns
Figure 16. Settling Time
–3.65
–3.70
–3.75
–3.80
–3.85
–3.90
–3.95
–4.05
–4.00
–20
–10
0
10
20
30
40
TIME (ns)
Figure 17. Midscale Transition and Digital Feedthrough


유사한 부품 번호 - AD5553CRM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5553CRM AD-AD5553CRM Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
More results

유사한 설명 - AD5553CRM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com