전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8332ARU-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8332ARU-REEL7
상세설명  Ultralow Noise VGAs with Preamplifier and Programmable RIN
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8332ARU-REEL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8332ARU-REEL7 Datasheet HTML 3Page - Analog Devices AD8332ARU-REEL7 Datasheet HTML 4Page - Analog Devices AD8332ARU-REEL7 Datasheet HTML 5Page - Analog Devices AD8332ARU-REEL7 Datasheet HTML 6Page - Analog Devices AD8332ARU-REEL7 Datasheet HTML 7Page - Analog Devices AD8332ARU-REEL7 Datasheet HTML 8Page - Analog Devices AD8332ARU-REEL7 Datasheet HTML 9Page - Analog Devices AD8332ARU-REEL7 Datasheet HTML 10Page - Analog Devices AD8332ARU-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 7 of 56
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Supply Voltage (VPSn, VPSV, VPSL, VPOS)
5.5 V
Input Voltage (INHx)
VS + 200 mV
ENB, ENBL, ENBV, HILO Voltage
VS + 200 mV
GAIN Voltage
2.5 V
Power Dissipation
RU Package1 (AD8332)
0.96 W
CP-32 Package (AD8332)
1.97 W
RQ Package1 (AD8331)
0.78 W
CP-64 Package (AD8334)
0.91 W
Temperature
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
θJA
RU Package1 (AD8332)
68°C/W
CP-32 Package22 (AD8332)
33°C/W
RQ Package1 (AD8331)
83°C/W
CP-64 Package3 (AD8334)
24.2°C/W
1 4-layer JEDEC board (2S2P).
2 Exposed pad soldered to board, nine thermal vias in pad—JEDEC, 4-layer
board J-STD-51-9.
3 Exposed pad soldered to board, 25 thermal vias in pad—JEDEC, 4-layer
board J-STD-51-9.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


유사한 부품 번호 - AD8332ARU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8332ARU-REEL7 AD-AD8332ARU-REEL7 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332ARU-REEL7 AD-AD8332ARU-REEL7 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
AD8332ARU-REEL7 AD-AD8332ARU-REEL7 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
More results

유사한 설명 - AD8332ARU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com