전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9244BSTZRL-401 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9244BSTZRL-401
상세설명  14-Bit, 40 MSPS/65 MSPS A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9244BSTZRL-401 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9244BSTZRL-401 Datasheet HTML 5Page - Analog Devices AD9244BSTZRL-401 Datasheet HTML 6Page - Analog Devices AD9244BSTZRL-401 Datasheet HTML 7Page - Analog Devices AD9244BSTZRL-401 Datasheet HTML 8Page - Analog Devices AD9244BSTZRL-401 Datasheet HTML 9Page - Analog Devices AD9244BSTZRL-401 Datasheet HTML 10Page - Analog Devices AD9244BSTZRL-401 Datasheet HTML 11Page - Analog Devices AD9244BSTZRL-401 Datasheet HTML 12Page - Analog Devices AD9244BSTZRL-401 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD9244
Rev. C | Page 9 of 36
TERMINOLOGY
Analog Bandwidth (Full Power Bandwidth)
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
Aperture Delay
The delay between the 50% point of the rising edge of the clock
and the instant at which the analog input is sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Differential Analog Input Voltage Range
The peak-to-peak differential voltage must be applied to the
converter to generate a full-scale response. Peak differential
voltage is computed by observing the voltage on a single pin
and subtracting the voltage from the other pin, which is 180°
out of phase. Peak-to-peak differential is computed by rotating
the input phase 180° and taking the peak measurement again. The
difference is then found between the two peak measurements.
Differential Nonlinearity (DNL, No Missing Codes)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Guaranteed
no missing codes to 14-bit resolution indicates that all 16,384
codes must be present over all operating ranges.
Dual-Tone SFDR1
The ratio of the rms value of either input tone to the rms value
of the peak spurious component. The peak spurious component
may or may not be an IMD product.
Effective Number of Bits (ENOB)
The ENOB for a device for sine wave inputs at a given input
frequency can be calculated directly from its measured SINAD by
N = (SINAD − 1.76)/6.02
Gain Error
The first code transition should occur at an analog value ½ LSB
above negative full scale. The last code transition should occur
at an analog value 1½ LSB below the nominal full scale. Gain
error is the deviation of the actual difference between first and
last code transitions and the ideal difference between first and
last code transitions.
Common-Mode Rejection Ratio (CMRR)
Common-mode (CM) signals appearing on VIN+ and VIN–
are ideally rejected by the differential front end of the ADC.
With a full-scale CM signal driving both VIN+ and VIN–,
CMRR is the ratio of the amplitude of the full-scale input CM
signal to the amplitude of signal that is not rejected, expressed
in dBFS.1
IF Sampling
Due to the effects of aliasing, an ADC is not necessarily limited
to Nyquist sampling. Higher sampled frequencies are aliased
down into the first Nyquist zone (DC − fCLOCK/2) on the output
of the ADC. Care must be taken that the bandwidth of the sam-
pled signal does not overlap Nyquist zones and alias onto itself.
Nyquist sampling performance is limited by the bandwidth of
the input SHA and clock jitter (noise caused by jitter increases
as the input frequency increases).
Integral Nonlinearity (INL)
INL refers to the deviation of each individual code from a line
drawn from negative full scale through positive full scale. The
point used as negative full scale occurs ½ LSB before the first
code transition. Positive full scale is defined as a level 1½ LSB
beyond the last code transition. The deviation is measured from
the middle of each particular code to the true straight line.
Minimum Conversion Rate
The clock rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed limit.
Maximum Conversion Rate
The clock rate at which parametric testing is performed.
Nyquist Sampling
When the frequency components of the analog input are below
the Nyquist frequency (fCLOCK/2).
Out-of-Range Recovery Time
The time it takes for the ADC to reacquire the analog input
after a transition from 10% above positive full scale to 10%
above negative full scale, or from 10% below negative full scale
to 10% below positive full scale.
Power Supply Rejection Ratio (PSRR)
The change in full scale from the value with the supply at its
minimum limit to the value with the supply at its maximum limit.
Signal-to-Noise-and-Distortion (SINAD)1
T
T
he ratio of the rms signal amplitude to the rms value of the
sum of all other spectral components below the Nyquist
frequency, including harmonics, but excluding dc.
Signal-to-Noise Ratio (SNR)1
The ratio of the rms signal amplitude to the rms value of the
sum of all other spectral components below the Nyquist
frequency, excluding the first six harmonics and dc.


유사한 부품 번호 - AD9244BSTZRL-401

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9244BSTZRL-40 AD-AD9244BSTZRL-40 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
More results

유사한 설명 - AD9244BSTZRL-401

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com