전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5204BRZ50 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5204BRZ50
상세설명  4-/6-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5204BRZ50 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5204BRZ50 Datasheet HTML 4Page - Analog Devices AD5204BRZ50 Datasheet HTML 5Page - Analog Devices AD5204BRZ50 Datasheet HTML 6Page - Analog Devices AD5204BRZ50 Datasheet HTML 7Page - Analog Devices AD5204BRZ50 Datasheet HTML 8Page - Analog Devices AD5204BRZ50 Datasheet HTML 9Page - Analog Devices AD5204BRZ50 Datasheet HTML 10Page - Analog Devices AD5204BRZ50 Datasheet HTML 11Page - Analog Devices AD5204BRZ50 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5204/AD5206
Rev. C | Page 8 of 20
NC
NC
NC
NC
B3
A3
W3
NC
NC
NC
NC
B4
W4
A4
NC
NOTES
1. NC = NO CONNECT.
2. THE LFCSP PACKAGE HAS AN EXPOSED
PADDLE THAT SHOULD BE CONNECTED TO
GND AND THE ASSOCIATED PCB
GROUND PLATE.
1
2
3
4
5
6
7
8
23
22
21
18
19
20
24
17
9
10 11 12 13 14 15 16
32 31 30 29 28 27 26 25
AD5204
TOP VIEW
(Not to Scale)
VSS
PIN 1
INDICATOR
Figure 7. AD5204 LFCSP Pin Configuration
Table 4. AD5204 LFCSP Pin Function Descriptions
Pin No.
Name
Description
1
VSS
Negative Power Supply. This pin is specified for operation at both 0 V and −2.7 V. It is the sum of |VDD| + |VSS| < 5.5 V.
2 to 5, 9,
16, 17,
21 to 24
NC
Not Connected.
6
B3
Terminal B RDAC 3.
7
W3
Wiper RDAC 3. Address = 0102.
8
A3
Terminal A RDAC 3.
10
B1
Terminal B RDAC 1.
11
W1
Wiper RDAC 1. Address = 0002.
12
A1
Terminal A RDAC 1.
13
A2
Terminal A RDAC 2.
14
W2
Wiper RDAC 2. Address = 0012.
15
B2
Terminal B RDAC 2.
18
A4
Terminal A RDAC 4.
19
W4
Wiper RDAC 4. Address = 0112.
20
B4
Terminal B RDAC 4.
25
GND
Ground.
26
CS
Chip Select Input (Active Low). When CS returns high, data in the serial input register is decoded based on the address
bits, and then it is loaded into the target RDAC latch.
27
PR
Preset to Midscale (Active Low). This pin sets the RDAC registers to 0x80.
28
VDD
Positive Power Supply. This pin is specified for operation at both 3 V and 5 V. It is the sum of |VDD| + |VSS| < 5.5 V.
29
SHDN
Terminal A Open-Circuit Shutdown (Active Low Input). This pin controls VR 1 through VR 4.
30
SDI
Serial Data Input. Data is input MSB first.
31
CLK
Serial Clock Input. This pin is positive edge triggered.
32
SDO
Serial Data Output. This pin is an open-drain transistor and requires a pull-up resistor.


유사한 부품 번호 - AD5204BRZ50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5204BRZ50 AD-AD5204BRZ50 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
More results

유사한 설명 - AD5204BRZ50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com