전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD22100SRZ1 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD22100SRZ1
상세설명  Voltage Output Temperature Sensor with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD22100SRZ1 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD22100SRZ1 Datasheet HTML 4Page - Analog Devices AD22100SRZ1 Datasheet HTML 5Page - Analog Devices AD22100SRZ1 Datasheet HTML 6Page - Analog Devices AD22100SRZ1 Datasheet HTML 7Page - Analog Devices AD22100SRZ1 Datasheet HTML 8Page - Analog Devices AD22100SRZ1 Datasheet HTML 9Page - Analog Devices AD22100SRZ1 Datasheet HTML 10Page - Analog Devices AD22100SRZ1 Datasheet HTML 11Page - Analog Devices AD22100SRZ1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD22100
Rev. D | Page 11 of 12
ORDERING GUIDE
Models
Temperature Range
Package Description
Package Outline
AD22100KT
0°C to +100°C
3-Pin Plastic Header Package (TO-92)
T-3
AD22100KR
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KR-REEL7
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KRZ1
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KRZ-REEL71
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100AT
–40°C to +85°C
3-Pin Plastic Header Package (TO-92)
T-3
AD22100AR
–40°C to +85°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100AR-REEL
–40°C to +85°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100AR-REEL7
–40°C to +85°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100ST
–50°C to +150°C
3-Pin Plastic Header Package (TO-92)
T-3
AD22100SR
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100SR-REEL7
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100SRZ1
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100SRZ-REEL71
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KCHIPS
DIE
1 Z = Pb-free part.


유사한 부품 번호 - AD22100SRZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD22100SRZ1 AD-AD22100SRZ1 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100SRZ1 AD-AD22100SRZ1 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100SRZ1 AD-AD22100SRZ1 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results

유사한 설명 - AD22100SRZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
   3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
   33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103 AD-AD22103 Datasheet
224Kb / 6P
   3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com