전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C6V8 데이터시트(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

부품명 BZX55C6V8
상세설명  Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
홈페이지  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

BZX55C6V8 데이터시트(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  BZX55C6V8 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. BZX55C6V8 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. BZX55C6V8 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX55C
Silicon Planar Zener Diodes
The Zener voltages are graded according to the
international E24 standard. Other tolerances and
higher Zener voltages are upon request.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 55 to + 175
O
C
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
1)
K/mW
Forward Voltage
at IF = 100 mA
VF
1
V
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black


유사한 부품 번호 - BZX55C6V8

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BZX55C6V8 KEXIN-BZX55C6V8 Datasheet
1Mb / 3P
   Zener Diodes
logo
Vishay Siliconix
BZX55C6V8 VISHAY-BZX55C6V8 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Microdiode Electronics ...
BZX55C6V8 CHENDA-BZX55C6V8 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Vishay Siliconix
BZX55C6V8 VISHAY-BZX55C6V8 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Shenzhen Luguang Electr...
BZX55C6V8 LUGUANG-BZX55C6V8 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - BZX55C6V8

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com