전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLZ39D 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 TLZ39D
상세설명  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ39D 데이터시트(HTML) 2 Page - Vishay Siliconix

  TLZ39D Datasheet HTML 1Page - Vishay Siliconix TLZ39D Datasheet HTML 2Page - Vishay Siliconix TLZ39D Datasheet HTML 3Page - Vishay Siliconix TLZ39D Datasheet HTML 4Page - Vishay Siliconix TLZ39D Datasheet HTML 5Page - Vishay Siliconix TLZ39D Datasheet HTML 6Page - Vishay Siliconix TLZ39D Datasheet HTML 7Page - Vishay Siliconix TLZ39D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 26-Jun-12
2
Document Number: 85635
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE RANGE
TEST CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
V
mA
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
TLZ2V4A
2A4
2.33
2.4
2.52
20
1
70
1
100
2000
TLZ2V4B
2B4
2.43
2.4
2.63
20
1
70
1
100
2000
TLZ2V7A
2A7
2.54
2.7
2.75
20
1
50
1
100
1000
TLZ2V7B
2B7
2.69
2.7
2.91
20
1
50
1
100
1000
TLZ3V0A
3A0
2.85
3.0
3.07
20
1
50
1
80
1000
TLZ3V0B
3B0
3.01
3.0
3.22
20
1
10
1
80
1000
TLZ3V3A
3A3
3.16
3.3
3.38
20
1
10
1
70
1000
TLZ3V3B
3B3
3.32
3.3
3.53
20
1
10
1
70
1000
TLZ3V6A
3A6
3.455
3.6
3.695
20
1
5
1
60
1000
TLZ3V6B
3B6
3.6
3.6
3.845
20
1
5
1
60
1000
TLZ3V9A
3A9
3.74
3.9
4.01
20
1
3
1
50
1000
TLZ3V9B
3B9
3.89
3.9
4.16
20
1
3
1
50
1000
TLZ4V3A
4A3
4.04
4.3
4.29
20
1
3
1
40
1000
TLZ4V3B
4B3
4.17
4.3
4.43
20
1
3
1
40
1000
TLZ4V3C
4C3
4.3
4.3
4.57
20
1
3
1
40
1000
TLZ4V7A
4A7
4.44
4.7
4.68
20
1
5
1
25
900
TLZ4V7B
4B7
4.55
4.7
4.8
20
1
5
1
25
900
TLZ4V7C
4C7
4.68
4.7
4.93
20
1
5
1
25
900
TLZ5V1A
5A1
4.81
5.1
5.07
20
1
2
2
20
800
TLZ5V1B
5B1
4.94
5.1
5.2
20
1
2
2
20
800
TLZ5V1C
5C1
5.09
5.1
5.37
20
1
2
2
20
800
TLZ5V6A
5A6
5.28
5.6
5.55
20
1
1
2
13
500
TLZ5V6B
5B6
5.45
5.6
5.73
20
1
1
2
13
500
TLZ5V6C
5C6
5.61
5.6
5.91
20
1
1
2
13
500
TLZ6V2A
6A2
5.78
6.2
6.09
20
1
3
4
10
300
TLZ6V2B
6B2
5.96
6.2
6.27
20
1
3
4
10
300
TLZ6V2C
6C2
6.12
6.2
6.44
20
1
3
4
10
300
TLZ6V8A
6A8
6.29
6.8
6.63
20
0.5
2
4
8
150
TLZ6V8B
6B8
6.49
6.8
6.83
20
0.5
2
4
8
150
TLZ6V8C
6C8
6.66
6.8
7.01
20
0.5
2
4
8
150
TLZ7V5A
7A5
6.85
7.5
7.22
20
0.5
3
6.5
8
120
TLZ7V5B
7B5
7.07
7.5
7.45
20
0.5
3
6.73
8
120
TLZ7V5C
7C5
7.29
7.5
7.67
20
0.5
3
6.93
8
120
TLZ8V2A
8A2
7.53
8.2
7.92
20
0.5
7.5
7.15
8
120
TLZ8V2B
8B2
7.78
8.2
8.19
20
0.5
7.5
7.39
8
120
TLZ8V2C
8C2
8.03
8.2
8.45
20
0.5
7.5
7.63
8
120
TLZ9V1A
9A1
8.29
9.1
8.73
20
0.5
0.04
7.88
8
120
TLZ9V1B
9B1
8.57
9.1
9.01
20
0.5
0.04
8.14
8
120
TLZ9V1C
9C1
8.83
9.1
9.3
20
0.5
0.04
8.39
8
120
TLZ10A
10A
9.12
10
9.59
20
0.5
0.04
8.66
8
120
TLZ10B
10B
9.41
10
9.9
20
0.5
0.04
8.94
8
120
TLZ10C
10C
9.7
10
10.2
20
0.5
0.04
9.22
8
120
TLZ10D
10D
9.94
10
10.44
20
0.5
0.04
9.44
8
120


유사한 부품 번호 - TLZ39D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TLZ39D VISHAY-TLZ39D Datasheet
119Kb / 9P
   Z-Diodes
Rev. A4, 08-JAug-02
TLZ39D VISHAY-TLZ39D Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ39D VISHAY-TLZ39D Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ39D VISHAY-TLZ39D Datasheet
131Kb / 9P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ39D VISHAY-TLZ39D Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

유사한 설명 - TLZ39D

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com