전자부품 데이터시트 검색엔진 |
|
AM26LS32CN 데이터시트(PDF) 1 Page - Texas Instruments |
|
AM26LS32CN 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 13 page DS26LS32AC, DS26LS32C, DS26LS32M, DS26LS33M www.ti.com SNLS352C – MAY 1999 – REVISED FEBRUARY 2013 DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers Check for Samples: DS26LS32AC, DS26LS32C, DS26LS32M, DS26LS33M 1 FEATURES DESCRIPTION The DS26LS32 and DS26LS32A are quad differential 2 • High Differential or Common-Mode Input line receivers designed to meet the RS-422, RS-423 Voltage Ranges of ±7V on the DS26LS32 and and Federal Standards 1020 and 1030 for balanced DS26LS32A and ±15V on the DS26LS33 and unbalanced digital data transmission. • ±0.2V Sensitivity Over the Input Voltage Range The DS26LS32 and DS26LS32A have an input on the DS26LS32 and DS26LS32A, ±0.5V sensitivity of 200 mV over the input voltage range of Sensitivity on the DS26LS33 ±7V and the DS26LS33 has an input sensitivity of • DS26LS32 and DS26LS32A Meet All 500 mV over the input voltage range of ±15V. Requirements of RS-422 and RS-423 The DS26LS32A differs in function from the popular • 6k Minimum Input Impedance DS26LS32 and DS26LS33 in that input pull-up and • 100 mV Input Hysteresis on the DS26LS32 and pull-down resistors are included which prevent output DS26LS32A, 200 mV on the DS26LS33 oscillation on unused channels. • Operation From a Single 5V Supply Each version provides an enable and disable function common to all four receivers and features TRI-STATE • TRI-STATE Outputs, with Choice of outputs with 8 mA sink capability. Constructed using Complementary Output Enables for Receiving low power Schottky processing, these devices are Directly onto a Data Bus available over the full military and commercial operating temperature ranges. Logic Diagram 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - AM26LS32CN |
|
유사한 설명 - AM26LS32CN |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |