전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA10358F 데이터시트(PDF) 2 Page - Rohm

부품명 BA10358F
상세설명  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA10358F 데이터시트(HTML) 2 Page - Rohm

  BA10358F Datasheet HTML 1Page - Rohm BA10358F Datasheet HTML 2Page - Rohm BA10358F Datasheet HTML 3Page - Rohm BA10358F Datasheet HTML 4Page - Rohm BA10358F Datasheet HTML 5Page - Rohm BA10358F Datasheet HTML 6Page - Rohm BA10358F Datasheet HTML 7Page - Rohm BA10358F Datasheet HTML 8Page - Rohm BA10358F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
2/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Ratings (Ta=25[℃])
○BA10358 family,BA10324A family
Parameter
Symbol
Ratings
Unit
BA10358 family
BA10324A family
Supply Voltage
VCC-VEE
+32
V
Differential Input Voltage
(*1)
Vid
VCC-VEE
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3)~VCC
V
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
Maximum Junction Temperature
Tjmax
+125
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating
or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●Electric Characteristics
○BA10358 family (Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA10358F/FV
Min.
Typ.
Max.
Input Offset Voltage
(*2)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Input Offset Current
(*2)
Iio
25℃
-
5
50
nA
VOUT=1.4[V]
Input Bias Current
(*3)
Ib
25℃
-
45
250
nA
VOUT=1.4[V]
Supply Current
ICC
25℃
-
0.7
1.2
mA
RL=
∞ All Op-Amps
Large Signal Voltage Gain
AV
25℃
25
100
-
V/mV
RL≧2[k
Ω],VCC=15[V],
VOUT=1.4~11.4[V]
Input Common-mode Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
(VCC-VEE)=5[V],
VOUT=VEE+1.4[V]
Common-mode Rejection Ratio
CMRR
25℃
65
80
-
dB
VOUT=1.4[V]
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5~30[V]
Output Source Current
IOH
25℃
10
20
-
mA
VIN+=1[V],VIN-=0[V],
VOUT=0[V],
1CH is short circuit
Output Sink Current
IOL
25℃
10
20
-
mA
VIN+=0[V],VIN-=1[V],
VOUT=5[V],
1CH is short circuit
Output Voltage Range
Vo
25℃
0
-
VCC-1.5
V
RL=2[k
Ω]
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz], input referred
(*2)
Absolute value
(*3)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


유사한 부품 번호 - BA10358F

제조업체부품명데이터시트상세설명
logo
Rohm
BA10358F ROHM-BA10358F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
BA10358F ROHM-BA10358F Datasheet
258Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358F ROHM-BA10358F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
More results

유사한 설명 - BA10358F

제조업체부품명데이터시트상세설명
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com