전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431ACLT1 데이터시트(PDF) 5 Page - First Components International

부품명 TL431ACLT1
상세설명  Programmable Precision Reference Sink Current Capability of 1.0 to 100mA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431ACLT1 데이터시트(HTML) 5 Page - First Components International

  TL431ACLT1 Datasheet HTML 1Page - First Components International TL431ACLT1 Datasheet HTML 2Page - First Components International TL431ACLT1 Datasheet HTML 3Page - First Components International TL431ACLT1 Datasheet HTML 4Page - First Components International TL431ACLT1 Datasheet HTML 5Page - First Components International TL431ACLT1 Datasheet HTML 6Page - First Components International TL431ACLT1 Datasheet HTML 7Page - First Components International TL431ACLT1 Datasheet HTML 8Page - First Components International TL431ACLT1 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
2001-05-A
TL431 Programmable Precision Reference
3
The dynamic impedance ZKA is defined as:
| ZKA | =
K
KA
I
V
When the device is programmed with two external resistors, R1 and r2, (refer to Figure 2)
the total dynamic impedance of the circuit is defined as:
| ZKA’|
| Z
KA | (1+
2
1
R
R
)


유사한 부품 번호 - TL431ACLT1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TL431ACL3T STMICROELECTRONICS-TL431ACL3T Datasheet
939Kb / 21P
   Programmable voltage reference
TL431ACL5T STMICROELECTRONICS-TL431ACL5T Datasheet
939Kb / 21P
   Programmable voltage reference
logo
Texas Instruments
TL431ACLP TI-TL431ACLP Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431ACLP TI1-TL431ACLP Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
logo
Microsemi Corporation
TL431ACLP MICROSEMI-TL431ACLP Datasheet
270Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
More results

유사한 설명 - TL431ACLT1

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com