전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-181-06BE 데이터시트(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-181-06BE
상세설명  Phototransistor Optocoupler SMD Mini-Flat Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-181-06BE 데이터시트(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-181-06BE Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06BE Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06BE Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06BE Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06BE Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-06BE Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Electrical Specifications (TA = 25˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
1.2
1.4
V
IF = 20 mA
Reverse Current
IR
10
μA
VR = 4 V
Terminal Capacitance
Ct
30
250
pF
V = 0, f = 1 KHz
Collector Dark Current
ICEO
100
nA
VCE = 20 V
Collector-Emitter Breakdown Voltage
BVCEO
80
V
IC = 0.1 mA, IF = 0
Emitter-Collector Breakdown Voltage
BVECO
6
V
IE = 10 μA, IF = 0
Collector Current
IC
2.5
30
mA
IF = 5 mA, VCE = 5 V
*Current Transfer Ratio
CTR
50
600
%
Collector-Emitter Saturation Voltage
VCE(sat)
0.2
V
IF = 20 mA, IC = 1 mA
Response Time (Rise)
tr
4
18
μs
VCC = 2 V, IC = 2 mA
Response Time (Fall)
tf
3
18
μs
RL = 100
Isolation Resistance
Riso
5 x 1010
1 x 1011
DC 500 V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
1.0
pF
V = 0, f = 1 MHz
Figure 1. Forward current vs. temperature.
Figure 2. Collector power dissipation vs. tem-
perature.
Figure 3. Collector-emitter saturation voltage
vs. forward current.
Absolute Maximum Ratings (TA = 25˚C)
Storage Temperature, TS
–55˚C to +155˚C
Operating Temperature, TA
–55˚C to +100˚C
Lead Solder Temperature, max.
260˚C for 10 s
(1.6 mm below seating plane)
Average Forward Current, IF
50 mA
Reverse Input Voltage, VR
6 V
Input Power Dissipation, PI
70 mW
Collector Current, IC
50 mA
Collector-Emitter Voltage, VCEO
80 V
Emitter-Collector Voltage, VECO
6 V
Collector Power Dissipation
150 mW
Total Power Dissipation
170 mW
Isolation Voltage, Viso
3750 Vrms
(AC for 1 minute, R.H. = 40 ~ 60%)
* CTR =
x 100%
IC
IF
Rank Mark
CTR (%)
Conditions
A
80 ~ 160
IF = 5 mA,
B
130 ~ 260
C
200 ~ 400
D
300 ~ 600
VCE = 5 V, TA = 25˚C
0
TA – AMBIENT TEMPERATURE – C
75
125
50
25
10
40
050
100
-55
60
30
20
0
TA – AMBIENT TEMPERATURE – C
100
50
200
150
75
125
25
0
50
100
-55
0
IF – FORWARD CURRENT – mA
10
15
2
5
0
1
3
4
5
6
TA = 25 C
IC = 0.5 mA
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA


유사한 부품 번호 - HCPL-181-06BE

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-181-060E HP-HCPL-181-060E Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-060E AVAGO-HCPL-181-060E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
More results

유사한 설명 - HCPL-181-06BE

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com