전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0630-000E 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-0630-000E
상세설명  High CMR, High Speed TTL Compatible Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0630-000E 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0630-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Ordering Information
HCPL-xxxx is UL Recognized with 3750 V
rms for 1 minute per UL1577.
HCNWxxxx is UL Rcognized with 5000 V
rms for 1 minute per UL1577.
Part
Number
Option
Package
Surface
Mount
Gull
Wing
Tape &
Reel
UL 5000 V
rms/
1 Minute
Rating
IEC/EN/DIN
EN 60747-5-5 Quantity
RoHS
Compliant
Non RoHS
Compliant
6N137
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-560E
-560
X
X
X
X
1000 per reel
HCPL-2601
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
-
X
X
X
50 per tube
HCPL-2611
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
#360
X
X
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
HCPL-2630
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
-520
X
X
X
X
1000 per reel
HCPL-2631
HCPL-4661
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel


유사한 부품 번호 - HCPL-0630-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results

유사한 설명 - HCPL-0630-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com