전자부품 데이터시트 검색엔진 |
|
3-1-6WL 데이터시트(PDF) 3 Page - Bourns Electronic Solutions |
|
3-1-6WL 데이터시트(HTML) 3 Page - Bourns Electronic Solutions |
3 / 3 page 1.50 (.059) DIA. 1.50 (.059) DIA. MIN. 8.2 (.323) 5 ° 4.9 (.193) 8.9 (.350) 2.00 (.079) 6.7 (.264) 7.1 (.280) 6.1 (.240) 6.6 (.260) 4.9 (.193) 1.75 (.069) 11.2 (.441) 16.00 ± 0.30 (.630 ± .012) 7.9 (.311) 7.50 (.295) 4.00 (.157) 12.00 (.472) 12.00 (.472) 1.50 (.059) DIA. 1.50 (.059) DIA. MIN. 2.00 (.079) 1.75 (.069) 16.00 ± 0.30 (.630 ± .012) 7.50 (.295) 4.00 (.157) 5 ° Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. RF2, RF3, RF4 Series - Wideband Transformers REV. 10/12 Packaging Dimensions Tape Dimensions for “W” Type DIMENSIONS: MM (INCHES) 24 (0.95) 28.4 (1.12) 2.0 ± 0.5 (.079 ± .020) 50.0 (1.969) 330 (12.99) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. Tape Dimensions for “J” Type |
유사한 부품 번호 - 3-1-6WL |
|
유사한 설명 - 3-1-6WL |