전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF5851TRPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF5851TRPBF
상세설명  Dual N and P Channel MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF5851TRPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF5851TRPBF Datasheet HTML 1Page - International Rectifier IRF5851TRPBF Datasheet HTML 2Page - International Rectifier IRF5851TRPBF Datasheet HTML 3Page - International Rectifier IRF5851TRPBF Datasheet HTML 4Page - International Rectifier IRF5851TRPBF Datasheet HTML 5Page - International Rectifier IRF5851TRPBF Datasheet HTML 6Page - International Rectifier IRF5851TRPBF Datasheet HTML 7Page - International Rectifier IRF5851TRPBF Datasheet HTML 8Page - International Rectifier IRF5851TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Max.
N-Channel
P-Channel
VDS
Drain-to-Source Voltage
20
-20
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
2.7
-2.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
2.2
-1.7
IDM
Pulsed Drain Current

11
-9.0
PD @TA = 25°C
Power Dissipation
ƒ
0.96
W
PD @TA = 70°C
Power Dissipation
ƒ
0.62
Linear Derating Factor
7.7
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
°C
N-Ch
P-Ch
VDSS
20V
-20V
RDS(on) 0.090Ω 0.135Ω
HEXFET® Power MOSFET
04/20/10
IRF5851PbF
Description
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
–––
130
°C/W
Thermal Resistance
www.irf.com
1
These N and P channel MOSFETs from International Rectifier utilize advanced
processing techniques to achieve the extremely low on-resistance per silicon
area. This benefit provides the designer with an extremely efficient device for
use in battery and load management applications.
This Dual TSOP-6 package is ideal for applications where printed circuit
board space is at a premium and where maximum functionality is required.
With two die per package, the IRF5851 can provide the functionality of two
SOT-23 packages in a smaller footprint. Its unique thermal design and
RDS(on) reduction enables an increase in current-handling capability.
Parameter
Units
A
Absolute Maximum Ratings
-55 to + 150
l Ultra Low On-Resistance
l Dual N and P Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Low Gate Charge
l Lead-Free
l Halogen-Free
TSOP-6



*
*
6
6



'
'
PD-95341A


유사한 부품 번호 - IRF5851TRPBF

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
IRF5851TRPBF VBSEMI-IRF5851TRPBF Datasheet
2Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

유사한 설명 - IRF5851TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7343PBF IRF-IRF7343PBF_15 Datasheet
225Kb / 10P
   DUAL N AND P CHANNEL MOSFET
logo
AUK corp
SUF2001 AUK-SUF2001 Datasheet
638Kb / 13P
   Dual N and P-channel Trench MOSFET
logo
Fairchild Semiconductor
FDS8958A FAIRCHILD-FDS8958A_07 Datasheet
311Kb / 9P
   Dual N and P-Channel PowerTrench MOSFET
logo
Advanced Linear Devices
ALD1105 ALD-ALD1105 Datasheet
58Kb / 6P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
ALD1103 ALD-ALD1103 Datasheet
68Kb / 6P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105_12 Datasheet
101Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_16 Datasheet
93Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_12 Datasheet
101Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1103 ADL-ALD1103 Datasheet
77Kb / 8P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1105 ADL-ALD1105 Datasheet
77Kb / 8P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com