전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML5103TRPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRLML5103TRPBF
상세설명  generation v technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103TRPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRLML5103TRPBF Datasheet HTML 1Page - International Rectifier IRLML5103TRPBF Datasheet HTML 2Page - International Rectifier IRLML5103TRPBF Datasheet HTML 3Page - International Rectifier IRLML5103TRPBF Datasheet HTML 4Page - International Rectifier IRLML5103TRPBF Datasheet HTML 5Page - International Rectifier IRLML5103TRPBF Datasheet HTML 6Page - International Rectifier IRLML5103TRPBF Datasheet HTML 7Page - International Rectifier IRLML5103TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLML5103PbF
www.irf.com
2
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30 ––– –––
V
VGS = 0V, ID = -250µA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– -0.029 ––– V/°C Reference to 25°C, ID = -1mA
––– ––– 0.60
VGS = -10V, ID = -0.60A ƒ
––– ––– 1.0
VGS = -4.5V, ID = -0.30A ƒ
VGS(th)
Gate Threshold Voltage
-1.0 ––– –––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
0.44 ––– –––
S
VDS = -10V, ID = -0.30A
––– ––– -1.0
VDS = -24V, VGS = 0V
––– ––– -25
VDS = -24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -20V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 20V
Qg
Total Gate Charge
––– 3.4
5.1
ID = -0.60A
Qgs
Gate-to-Source Charge
––– 0.52 0.78
nC
VDS = -24V
Qgd
Gate-to-Drain ("Miller") Charge
––– 1.1
1.7
VGS = -10V, See Fig. 6 and 9 ƒ
td(on)
Turn-On Delay Time
–––
10
–––
VDD = -15V
tr
Rise Time
––– 8.2 –––
ID = -0.60A
td(off)
Turn-Off Delay Time
–––
23
–––
RG = 6.2Ω
tf
Fall Time
–––
16
–––
RD = 25Ω, See Fig. 10 ƒ
Ciss
Input Capacitance
–––
75
–––
VGS = 0V
Coss
Output Capacitance
–––
37
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
18
–––
ƒ = 1.0MHz, See Fig. 5
Ω
µA
nA
ns
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(ON)
Static Drain-to-Source On-Resistance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -0.60A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
26
39
ns
TJ = 25°C, IF = -0.60A
Qrr
Reverse RecoveryCharge
–––
20
30
nC
di/dt = 100A/µs ƒ
Source-Drain Ratings and Characteristics
A
S
D
G
––– ––– -0.54
––– ––– -4.8
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ -0.60A, di/dt ≤ 110A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 5sec.


유사한 부품 번호 - IRLML5103TRPBF

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
IRLML5103TR UMW-IRLML5103TR Datasheet
428Kb / 6P
   Generation VTechnology
More results

유사한 설명 - IRLML5103TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com