전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC58NVM9S3EBAI4 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC58NVM9S3EBAI4
상세설명  NAND Flash Memory(SLC Middle Capacity)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58NVM9S3EBAI4 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC58NVM9S3EBAI4 Datasheet HTML 1Page - Toshiba Semiconductor TC58NVM9S3EBAI4 Datasheet HTML 2Page - Toshiba Semiconductor TC58NVM9S3EBAI4 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
[8/16/2012 10:12:53 AM]
32
4096
+224
x 8
256K
+14K
x 8
3.6
x8
-40
to
85
TC58NVG2S0FTAI0 25
30
300
3
P-TFBGA63-0911-
0.80CZ
TC58NVG2S0FBAI4 25
30
300
3
1.70
to
1.95
TC58NYG2S0FBAI4 25
30
300
3
Top of this page
TOSHIBA Top Page
Privacy Policy
Terms and Conditions
Copyright © 1995-2012 TOSHIBA CORPORATION, All Rights Reserved.


유사한 부품 번호 - TC58NVM9S3EBAI4

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58NVG0S3AFT05 TOSHIBA-TC58NVG0S3AFT05 Datasheet
559Kb / 33P
   1 GBIT (128M 횞 8 BITS) CMOS NAND EEPROM
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
logo
KIOXIA Corporation
TC58NVG0S3HBAI4 KIOXIA-TC58NVG0S3HBAI4 Datasheet
456Kb / 52P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
logo
Toshiba Semiconductor
TC58NVG0S3HBAI4 TOSHIBA-TC58NVG0S3HBAI4 Datasheet
868Kb / 2P
   SLC NAND & BENAND Reliability and Performance
TC58NVG0S3HBAI4 TOSHIBA-TC58NVG0S3HBAI4 Datasheet
2Mb / 20P
   Flash Memory
Mar. 2016
More results

유사한 설명 - TC58NVM9S3EBAI4

제조업체부품명데이터시트상세설명
logo
SPANSION
S34ML01G1 SPANSION-S34ML01G1 Datasheet
2Mb / 73P
   Spansion짰 SLC NAND Flash Memory for Embedded
logo
STMicroelectronics
UM1653 STMICROELECTRONICS-UM1653 Datasheet
1Mb / 45P
   STM32 Advanced NAND Flash Driver for SLC NAND
logo
Eon Silicon Solution In...
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
logo
Winbond
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
OKI electronic componet...
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com