전자부품 데이터시트 검색엔진 |
|
CD4060BF3A 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
CD4060BF3A 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 27 page Data sheet acquired from Harris Semiconductor SCHS049C − Revised October 2003 HCD4060B consists of an oscillator section and 14 ripple-carry binary counter stages. The oscillator configuration allows design of either RC or crystal oscillator circuits. A RESET input is provided which resets the counter to the all-O’s state and disables the oscillator. A high level on the RESET line accomplishes the reset function. All counter stages are master-slave flip-flops. The state of the counter is advanced one step in binary order on the negative transition of fI (and fO). All inputs and outputs are fully buffered. Schmitt trigger action on the input-pulse line permits unlimited input-pulse rise and fall times. The CD4060B-series types are supplied in 16-lead hermetic dual-in-line ceramic packages (F3A suffix), 16-lead dual-in-line plastic packages (E suffix), 16-lead small-outline packages (M, M96, MT, and NSR suffixes), and 16-lead thin shrink small-outline packages (PW and PWR suffixes). Copyright 2003, Texas Instruments Incorporated |
유사한 부품 번호 - CD4060BF3A |
|
유사한 설명 - CD4060BF3A |