전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4585BNSRE4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 CD4585BNSRE4
상세설명  CMOS 4-Bit Magnitude Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD4585BNSRE4 데이터시트(HTML) 5 Page - Texas Instruments

  CD4585BNSRE4 Datasheet HTML 1Page - Texas Instruments CD4585BNSRE4 Datasheet HTML 2Page - Texas Instruments CD4585BNSRE4 Datasheet HTML 3Page - Texas Instruments CD4585BNSRE4 Datasheet HTML 4Page - Texas Instruments CD4585BNSRE4 Datasheet HTML 5Page - Texas Instruments CD4585BNSRE4 Datasheet HTML 6Page - Texas Instruments CD4585BNSRE4 Datasheet HTML 7Page - Texas Instruments CD4585BNSRE4 Datasheet HTML 8Page - Texas Instruments CD4585BNSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
7703702EA
ACTIVE
CDIP
J
16
1
TBD
Call TI
Call TI
-55 to 125
7703702EA
CD4585BF3A
CD4585BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4585BE
CD4585BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4585BE
CD4585BF3A
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
7703702EA
CD4585BF3A
CD4585BNSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4585B
CD4585BNSRE4
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4585B
CD4585BNSRG4
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4585B
CD4585BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM585B
CD4585BPWE4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM585B
CD4585BPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM585B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


유사한 부품 번호 - CD4585BNSRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4585BNSRE4 TI1-CD4585BNSRE4 Datasheet
510Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
More results

유사한 설명 - CD4585BNSRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI-CD4585B Datasheet
221Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
   CMOS 4-Bit Magnitude Comparator
December 1992
logo
Intersil Corporation
CD4066BMS INTERSIL-CD4066BMS Datasheet
99Kb / 9P
   CMOS 4-Bit Magnitude Comparator
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com