전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRF1507 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 MRF1507
상세설명  LATERAL NCHANNEL BROADBAND RF POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1507 데이터시트(HTML) 3 Page - Motorola, Inc

  MRF1507 Datasheet HTML 1Page - Motorola, Inc MRF1507 Datasheet HTML 2Page - Motorola, Inc MRF1507 Datasheet HTML 3Page - Motorola, Inc MRF1507 Datasheet HTML 4Page - Motorola, Inc MRF1507 Datasheet HTML 5Page - Motorola, Inc MRF1507 Datasheet HTML 6Page - Motorola, Inc MRF1507 Datasheet HTML 7Page - Motorola, Inc MRF1507 Datasheet HTML 8Page - Motorola, Inc MRF1507 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF1507 MRF1507T1
MOTOROLA RF DEVICE DATA
Figure 1. 500 – 520 MHz Broadband Test Circuit
B1
Fair Rite Products Long Ferrite Bead
C1, C5
0.1
µF, 100 mil Chip Capacitor
C2, C4
10
µF, 50 V Electrolytic Capacitor
C3, C6, C8, C14
130 pF, 100 mil Chip Capacitor
C7, C9, C13
0.3–20 pF Trimmer Capacitor
C10
82 pF, 100 mil Chip Capacitor
C11
39 pF, 100 mil Chip Capacitor
C12
32 pF, 100 mil Chip Capacitor
L1
4 Turns, #20 AWG Enamel, 0.1
″ ID
N1, N2
Type N Connectors
R1
1.1 M
Ω, 1/4 W Carbon
R2
2 k
Ω, 1/2 W Carbon
R3
100
Ω, 1/4 W Carbon
VGG
VDD
C1
R1
R2
C2
C3
C5
C4
+
R3
RF
INPUT
RF
OUTPUT
Z1
Z2
Z3
Z4
Z7
C8
C7
C14
C9
DUT
C12
Z8
C13
Z10
Z11
R4
C10
Z5
Z6
C11
L1
Z9
N2
+
C6
B1
N1
R4
20
Ω, 1/4 W Carbon
Z1
0.459
″ x 0.083″ Microstrip
Z2
0.135
″ x 0.083″ Microstrip
Z3
1.104
″ x 0.083″ Microstrip
Z4
0.114
″ x 0.083″ Microstrip
Z5
0.154
″ x 0.083″ Microstrip
Z6
0.259
″ x 0.213″ Microstrip
Z7
0.217
″ x 0.213″ Microstrip
Z8
0.175
″ x 0.083″ Microstrip
Z9
0.747
″ x 0.083″ Microstrip
Z10
0.608
″ x 0.083″ Microstrip
Z11
0.594
″ x 0.083″ Microstrip
Board
Glass Teflon, 31 mils
TYPICAL CHARACTERISTICS
Figure 2. Output Power versus Input Power
9
Pin, INPUT POWER (WATTS)
1
0.90
5
Figure 3. Output Power versus
Supply Voltage @ 400 MHz
4
7
VDD, SUPPLY VOLTAGE (V)
12
8
5
0.50
1.31
10
610
0.10
7
8
VDD = 7.5 V
IDQ = 200 mA
11
6
9
Pin = 300 mW
3
0.71
0.30
1.10
1.51
11
9
8
4
6
10
2
400 MHz
470 MHz
440 MHz
7
500 mW
700 mW
IDQ = 200 mA


유사한 부품 번호 - MRF1507

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
   SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
More results

유사한 설명 - MRF1507

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
Motorola, Inc
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com