전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF12P20YDTU 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQPF12P20YDTU
상세설명  200V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF12P20YDTU 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQPF12P20YDTU Datasheet HTML 1Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 2Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 3Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 4Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 5Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 6Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 7Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
May 2000
Rev. B, May 2000
QFET
QFET
QFET
QFETTM
FQPF12P20
200V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converters.
Features
• -7.3A, -200V, RDS(on) = 0.47Ω @VGS = -10 V
• Low gate charge ( typical 31 nC)
• Low Crss ( typical 30 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQPF12P20
Units
VDSS
Drain-Source Voltage
-200
V
ID
Drain Current
- Continuous (TC = 25°C)
-7.3
A
- Continuous (TC = 100°C)
-4.6
A
IDM
Drain Current
- Pulsed
(Note 1)
-29.2
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
810
mJ
IAR
Avalanche Current
(Note 1)
-7.3
A
EAR
Repetitive Avalanche Energy
(Note 1)
5.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-5.5
V/ns
PD
Power Dissipation (TC = 25°C)
50
W
- Derate above 25°C
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
TO-220F
FQPF Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


유사한 부품 번호 - FQPF12P20YDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF12P20 FAIRCHILD-FQPF12P20 Datasheet
631Kb / 8P
   200V P-Channel MOSFET
More results

유사한 설명 - FQPF12P20YDTU

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
logo
Fairchild Semiconductor
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
   200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
   200V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com