전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56428DDAR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS56428DDAR
상세설명  4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS56428DDAR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPS56428DDAR Datasheet HTML 3Page - Texas Instruments TPS56428DDAR Datasheet HTML 4Page - Texas Instruments TPS56428DDAR Datasheet HTML 5Page - Texas Instruments TPS56428DDAR Datasheet HTML 6Page - Texas Instruments TPS56428DDAR Datasheet HTML 7Page - Texas Instruments TPS56428DDAR Datasheet HTML 8Page - Texas Instruments TPS56428DDAR Datasheet HTML 9Page - Texas Instruments TPS56428DDAR Datasheet HTML 10Page - Texas Instruments TPS56428DDAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TPS56428
www.ti.com
SLVSBV4A – APRIL 2013 – REVISED APRIL 2013
Power Good
The power-good function is activated after soft start has finished. The power good function becomes active after
1.7 times soft-start time. When the output voltage becomes within –10% of the target value, internal comparators
detect power good state and the power good signal becomes high. The power good output, PG is an open drain
output. If the feedback voltage goes under 15% of the target value, the power good signal becomes low.
Output Discharge Control
TPS56428 discharges the output via SW pin when EN is low, or the controller is turned off by the protection
functions(UVP, UVLO and thermal shutdown). The internal regular low-side MOSFET is not turned on during the
output discharge operation to avoid the possibility of causing negative voltage at the output
Current Protection
The output over-current protection (OCP) is implemented using a cycle-by-cycle valley detect control circuit. The
switch current is monitored by measuring the low-side FET switch voltage between the SW pin and GND. This
voltage is proportional to the switch current. To improve accuracy, the voltage sensing is temperature
compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by Vin,
Vout, the on-time and the output inductor value. During the on time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current Iout. The TPS56428 constantly
monitors the low-side FET switch voltage, which is proportional to the switch current, during the low-side on-time.
If the measured voltage is above the voltage proportional to the current limit, an internal counter is incremented
per each SW cycle and the converter maintains the low-side switch on until the measured voltage is below the
voltage corresponding to the current limit at which time the switching cycle is terminated and a new switching
cycle begins. In subsequent switching cycles, the on-time is set to a fixed value and the current is monitored in
the same manner. If the over current condition exists for 7 consecutive switching cycles, the internal OCL
threshold is set to a lower level, reducing the available output current. When a switching cycle occurs where the
switch current is not above the lower OCL threshold, the counter is reset and the OCL limit is returned to the
higher value.
There are some important considerations for this type of over-current protection. The load current one half of the
peak-to-peak inductor current is higher than the over-current threshold also when the current is being limited, the
output voltage tends to fall as the demanded load current may be higher than the current available from the
converter. This may cause the output voltage to fall. . When the VFB voltage becomes lower than 65% of the
target voltage, the UVP comparator detects it. After 5µs detecting the UVP voltage, device will shut down and re-
start after hiccup time.
When the over current condition is removed, the output voltage returns to the regulated value.
UVLO Protection
Undervoltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is
lower than UVLO threshold voltage, the TPS56428 is shut off. This protection is non-latching.
Thermal Shutdown
TPS56428 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 165°C),
the device is shut off. This is non-latch protection.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :TPS56428


유사한 부품 번호 - TPS56428DDAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56428DDAR TI1-TPS56428DDAR Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
More results

유사한 설명 - TPS56428DDAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54428 TI1-TPS54428 Datasheet
844Kb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56528 TI-TPS56528 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com