전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56528DDAR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS56528DDAR
상세설명  4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Advanced Eco-mode?
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS56528DDAR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPS56528DDAR Datasheet HTML 5Page - Texas Instruments TPS56528DDAR Datasheet HTML 6Page - Texas Instruments TPS56528DDAR Datasheet HTML 7Page - Texas Instruments TPS56528DDAR Datasheet HTML 8Page - Texas Instruments TPS56528DDAR Datasheet HTML 9Page - Texas Instruments TPS56528DDAR Datasheet HTML 10Page - Texas Instruments TPS56528DDAR Datasheet HTML 11Page - Texas Instruments TPS56528DDAR Datasheet HTML 12Page - Texas Instruments TPS56528DDAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
1.000
1.025
1.050
1.075
1.100
0
5
10
15
20
V
IN - Input Voltage (V)
IOUT = 10mA
IOUT = 1A
C007
I
OUT = 10mA
I
OUT = 1A
Vout( 50mV/div)
Iout( 2A/div)
100us/div
0
10
20
30
40
50
60
0
5
10
15
20
EN Input Voltage (V)
C014
V
IN = 18 V
1.000
1.025
1.050
1.075
1.100
0.0
1.0
2.0
3.0
4.0
5.0
I
OUT - Output Current (A)
VIN=5V
VIN=12V
VIN=18V
C010
V
IN = 5 V
V
IN = 12 V
V
IN = 18 V
0
50
100
150
200
250
300
350
400
±50
0
50
100
150
Tj Junction Temperature (
ƒC)
C004
V
IN = 12 V
V
O = 1.2 V
0
5
10
15
20
±50
0
50
100
150
T
J - Junction Temperature -ƒC
C001
EN = 0 V
TPS56528
www.ti.com
SLVSBV3A – APRIL 2013 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS
VIN = 12 V, (unless otherwise noted).
Figure 1. SUPPLY CURRENT vs JUNCTION TEMPERATURE
Figure 2. VIN SHUTDOWN CURRENT vs
JUNCTION TEMPERATURE
Figure 3. EN CURRENT vs EN VOLTAGE
Figure 4. 1.05-V OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 5. 1.05-V OUTPUT VOLTAGE vs INPUT VOLTAGE
Figure 6. 1.05-V, LOAD TRANSIENT RESPONSE
Copyright © 2013, Texas Instruments Incorporated
9
Product Folder Links :TPS56528


유사한 부품 번호 - TPS56528DDAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56520 TI1-TPS56520 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565201DDCR TI1-TPS565201DDCR Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565201DDCT TI1-TPS565201DDCT Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results

유사한 설명 - TPS56528DDAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS56628 TI1-TPS56628 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com