전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCX1632245TBR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 74VCX1632245TBR
상세설명  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX1632245TBR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button 74VCX1632245TBR Datasheet HTML 4Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 5Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 6Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 7Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 8Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 9Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 10Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 11Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74VCX1632245
8/18
Table 9: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2) Parameter guaranteed by design
Table 10: Capacitance Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
-40 to 85 °C
Min.
Max.
tPLH tPHL
Propagation Delay Time
An to Bn
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.8
ns
1.8
± 0.15 3.3 ± 0.3
1.0
6.2
2.5
± 0.2 3.3 ± 0.3
1.0
4.4
tPLH tPHL
Propagation Delay Time
Bn to An
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.5
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.1
2.5
± 0.2 3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output Enable Time
G to An
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.3
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.1
2.5
± 0.2 3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output Enable Time
G to Bn
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
8.3
ns
1.8
± 0.15 3.3 ± 0.3
1.0
8.2
2.5
± 0.2 3.3 ± 0.3
1.0
4.6
tPLZ tPHZ
Output Disable Time
G to An
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.2
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.6
2.5
± 0.2 3.3 ± 0.3
1.0
4.8
tPLZ tPHZ
Output Disable Time
G to Bn
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
4.6
ns
1.8
± 0.15 3.3 ± 0.3
1.0
4.5
2.5
± 0.2 3.3 ± 0.3
1.0
4.4
tOSLH
tOSHL
Output To Output Skew
Time (note1, 2)
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
0.5
ns
1.8
± 0.15 3.3 ± 0.3
0.5
2.5
± 0.2 3.3 ± 0.3
0.75
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
CINB
Input Capacitance
open
open
5
pF
CI/O
Input/Output
Capacitance
2.5
3.3
6
pF
CPD
Power Dissipation
Capacitance
2.5
3.3
f=10MHz
28
pF
1.8
3.3
28
pF
Obsolete
Product(s)
- Obsolete
Product(s)


유사한 부품 번호 - 74VCX1632245TBR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results

유사한 설명 - 74VCX1632245TBR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
   4-bit dual supply bus buffer level translator with a side series resistor
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com