전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP1N60 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQP1N60
상세설명  QFET N-CHANNEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP1N60 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQP1N60 Datasheet HTML 1Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 2Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 3Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 4Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 5Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 6Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 7Page - Fairchild Semiconductor FQP1N60 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
24
68
10
10
-1
10
0
¡Ø Note
1. V
DS = 50V
2. 250¥ìs Pulse Test
-55¡É
150¡É
25¡É
V
GS , Gate-Source Voltage [V]
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
V
GS = 20V
V
GS = 10V
¡Ø Note : T
J
= 25¡É
I
D, Drain Current [A]
10
-1
10
0
10
1
10
-2
10
-1
10
0
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom :
5.5 V
¡Ø Note :
1. 250¥ìs Pulse Test
2. T
C = 25¡É
V
DS, Drain-Source Voltage [V]
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
25¡É
150¡É
¡Ø Note :
1. V
GS = 0V
2. 250¥ìs Pulse Test
V
SD , Source-Drain Voltage [V]
10
-1
10
0
10
1
0
50
100
150
200
C
iss = Cgs + Cgd (Cds = shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
¡Ø Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
1234
5
0
2
4
6
8
10
12
V
DS = 300V
V
DS = 120V
V
DS = 480V
¡Ø Note : I
D = 1.2 A
Q
G, Total Gate Charge [nC]
QFET N-CHANNEL
FQP1N60


유사한 부품 번호 - FQP1N60

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
FQP1N60 TGS-FQP1N60 Datasheet
65Kb / 1P
   600V N-Channel MOSFET
More results

유사한 설명 - FQP1N60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com