전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP24N08 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FQP24N08
상세설명  80V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP24N08 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FQP24N08 Datasheet HTML 1Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 2Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 3Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 4Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 5Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 6Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 7Page - Fairchild Semiconductor FQP24N08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. A, August 2000
©2000 Fairchild Semiconductor International
Package Dimensions
4.50
±0.20
9.90
±0.20
1.52
±0.10
0.80
±0.10
2.40
±0.20
10.00
±0.20
1.27
±0.10
ø3.60
±0.10
(8.70)
1.30
+0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
TO-220


유사한 부품 번호 - FQP24N08

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQP24N08 ISC-FQP24N08 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

유사한 설명 - FQP24N08

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com