전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4002 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 1N4002
상세설명  Low Current Leakage and Low Cost Moisture Sensitivity Level 1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4002 데이터시트(HTML) 1 Page - Micro Commercial Components

  1N4002 Datasheet HTML 1Page - Micro Commercial Components 1N4002 Datasheet HTML 2Page - Micro Commercial Components 1N4002 Datasheet HTML 3Page - Micro Commercial Components 1N4002 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4001
THRU
1N4007
1 Amp Rectifier
50 - 1000 Volts
DO-41
Features
Low Current Leakage
and Low Cost
Lead Free Finish/RoHS Compliant (Note1)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4001
50V
35V
50V
1N4002
1N4002
100V
70V
100V
1N4003
200V
140V
200V
1N4004
400V
280V
400V
1N4005
600V
420V
600V
1N4006
800V
560V
800V
1N4007
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum Instantaneous
Forward Voltage
VF
1.0V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
E
20
13/01/01
Lead Length P.C.B. Mounted
TM
Micro Commercial Components
1N4001
1N4007
1N4003
1N4004
1N4005
1N4006
www.mccsemi.com
1 of 4
Micro Commercial Components
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
("P"Suffix designates
Compliant. See ordering information)
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance: 35
°C/W Junction to Case
25
°C/W Junction to Lead at 0.375"
IFM = 1.0A;
TJ = 25
°C*
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Maximum Reverse
Recovery Time
Trr
2.0u
sIF=0.5A, IR=1.0A,
Irr=0.25A
Rating for fusing
I
2t
3.7A
2s
t<8.3ms
Halogen free available upon request by adding suffix "-HF"


유사한 부품 번호 - 1N4002

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4002 EIC-1N4002 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results

유사한 설명 - 1N4002

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SL34A MCC-SL34A Datasheet
451Kb / 3P
   Moisture Sensitivity Level 1
ESDLC5V0PB8 MCC-ESDLC5V0PB8 Datasheet
867Kb / 4P
   Moisture Sensitivity Level 1
ESDLC5V0DFN10 MCC-ESDLC5V0DFN10 Datasheet
489Kb / 3P
   Moisture Sensitivity Level 1
logo
Abracon Corporation
ASEMP ABRACON-ASEMP Datasheet
4Mb / 7P
   Moisture Sensitivity Level ??MSL 1
07.16.12
logo
Taiwan Semiconductor Co...
2CZ4004 TSC-2CZ4004 Datasheet
232Kb / 3P
   Surface mounted device type, Moisture sensitivity level 1
logo
P-tec Corporation
PDC564SM-CXMRGB1 P-TEC-PDC564SM-CXMRGB1 Datasheet
1Mb / 10P
   JEDEC moisture sensitivity level 2A
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com