전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP2P25 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQP2P25
상세설명  250V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP2P25 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQP2P25 Datasheet HTML 1Page - Fairchild Semiconductor FQP2P25 Datasheet HTML 2Page - Fairchild Semiconductor FQP2P25 Datasheet HTML 3Page - Fairchild Semiconductor FQP2P25 Datasheet HTML 4Page - Fairchild Semiconductor FQP2P25 Datasheet HTML 5Page - Fairchild Semiconductor FQP2P25 Datasheet HTML 6Page - Fairchild Semiconductor FQP2P25 Datasheet HTML 7Page - Fairchild Semiconductor FQP2P25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A, April 2000
01234
5
6
7
0
2
4
6
8
10
12
V
DS = -125V
V
DS = -50V
V
DS = -200V
Note : I
D = -2.3 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
100
200
300
400
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
 Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
-1
10
0
25

150

 Notes:
1. V
GS
= 0V
2. 250
sPulseTest
-V
SD , Source-Drain Voltage [V]
0.0
1.5
3.0
4.5
6.0
0
3
6
9
12
15
 Note : T
J = 25
V
GS = - 20V
V
GS = - 10V
-I
D
, Drain Current [A]
24
68
10
10
-1
10
0
 Notes:
1. V
DS = -40V
2. 250
s Pulse Test
-55

150

25

-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
V
GS
Top :
-15.0 V
-10.0 V
-8.0 V
-7.0 V
-6.5 V
-6.0 V
Bottom: -5.5 V
Notes :
1. 250
s Pulse Test
2. T
C = 25
-V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


유사한 부품 번호 - FQP2P25

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQP2P40 FAIRCHILD-FQP2P40 Datasheet
576Kb / 8P
   400V P-Channel MOSFET
More results

유사한 설명 - FQP2P25

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com