전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS1W-SCU21-V1 데이터시트(PDF) 7 Page - Omron Electronics LLC

부품명 CS1W-SCU21-V1
상세설명  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-SCU21-V1 데이터시트(HTML) 7 Page - Omron Electronics LLC

Back Button CS1W-SCU21-V1 Datasheet HTML 3Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 4Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 5Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 6Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 7Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 8Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 9Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 10Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
F-12
F-13
Construction of systems in multi-vendor environments simplified
with Serial Gateway Function.
55
Protocol macros make it easy to create serial
communications protocols (communications
frames, error checks, retries, error
processing, etc.) to match those of remote
communications devices. Multiple ports are
provided for this function. Each PLC
supports up to 16 Serial Communications
Units (32 ports total) and one Serial
Communications Board (with 2 ports). This
makes it possible to connect up to 34
devices with serial communications at a
speed of 38.4 Kbps. Message length has
been increased from 256 to 1,000 bytes to
give communications more power than ever
before.
Combine with one of the NS Series
Programmable Terminals (NS12, NS10, or
NS7) to enable connecting Highspeed NT
Links. Using NT Link terminology together
with a communications speed of 115 Kbps
provides high-speed response.
The CS1 Series supports a wide range of
serial communications protocols, such as
Host Link, no-protocol, NT Link, peripheral
bus, and more. These allow for high
value-added programs such as MMI,
communications, and data processing.
Baud rate increased from 38,400 bps to
57,600 bps for faster communications.
Standard system protocol added for
greater connectability with components
and PLCs.
• CompoWay/F Master
• Host Link Master functions
• Mitsubishi Computer Link Master
Protocol macros for Serial Communications
Units and Boards can be created using the
CX-Protocol, thus enabling message tracing
and greatly reducing the time involved in
connecting various serial devices.
Data input from a
bar code reader
Sending Host Link and
FINS commands
Reading and writing
of I/O memory and
operating modes
Response
Device
CPU Unit
RS-232C Port
TXD instruction or
RXD instruction
using CPU Unit's
RS-232 port or Serial
Communications Board
TXD instruction
or RXD instruction
using Serial
Communications
Unit
● Host Links
● Serial Communications Configuration Example
● NT Links (1:N Mode)
● No-protocol
More Ports for Even More
Serial Device Connections
Windows-based Software Simplifies
Serial Device Connections
Wide Range of Applicable
Protocols Allows for High
Value-added Programs
The Fastest Communications in the
Industry with High-speed NT Links
* PLC-to-PT connection in NT Link (1:N mode)
communications can be either one-to-one or one-to-many.
Programmable
Terminal
Programmable
Terminal
Enhanced Protocol Macro
Functionality
Supports No-protocol Communications
(Serial Communications Units/Boards with Ver. 1.2 or later)
(CPU Unit Ver. 3.0 or later)
(Serial Communications Units/Boards with Ver. 1.2 or later)
(Serial Communications Units/Boards with Ver. 1.2 or later)
When the CPU Unit (Ver. 3.0 or later) or
Serial Communications Board or Serial
Communications Unit (Ver. 1.2 or later)
receive a FINS command containing a
CompoWay/F command (see note 1.) via
network or serial communications, the
command is automatically converted to a
protocol suitable for the message and
forwarded using serial communications.
Serial Gateway
Note 1: FINS
Abbreviation for Factory Interface Network Service. A
command system for message services common to
OMRON networks. FINS commands can be sent across up
to 8 network levels*, including serial communications paths
using a serial gateway. (*Possible only with CS/CJ-series
CPU Unit Ver. 2.0 or later.)
Note 2: CompoWay/F
CompoWay/F is an integrated communications protocol
used for OMRON general-purpose serial communications.
It is used by Temperature Controllers, Digital Panel Meters,
Timer/Counters, Smart Sensors, Cam Positioners, Safety
Controllers, etc. (as of July 2004).
Gateway
FINS network
Serial
communications
Component/PLC
Truly Seamless Incorporation of OMRON Components and Other Devices
into Networks
When CompoWay/F commands are enclosed
in FINS commands and sent to Serial
Communications Boards or Serial
Communications Units (Ver. 1.2) or serial
ports on CPU Unit Ver. 3.0, the enclosed
CompoWay/F command is retrieved using a
Serial Gateway Function and sent as a
CompoWay/F command.
Sent as a CompoWay/
F command
Serial Gateway: FINS
command "capsule"
opened and contents
retrieved.
FINS command received
Temperature
Controller
Smart Sensor
OMRON Components
Serial Gateway System (Reference)
CompoWay/F (See note 2.)
Host Link FINS (Possible only with Serial
Communications Units or Serial
Communications Boards)
Serial
Communications
Unit
Serial
Communications
Board
Data output to printer
No-protocol communications supported for Serial
Communications Units and Serial Communications
Boards.
This mode enables components to be connected to
multiple communications ports using no-protocol
communications.
Serial port I/O instructions executable using no-protocol
communications from Serial Communications Units and
Serial Communications Boards (TXDU, RXDU, TXD,
and RXD) are supported for CPU Units with Ver. 3.0 or
later.
Host computer, etc.
Programming Devices
Microcomputer,
etc.
Protocol macros
Protocol macros
Protocol macros
Host Link
NT Link
Peripheral bus
(Programming
Console bus)
ASCII Unit
Serial Communications Unit
Serial Communications Board
CPU Unit
General-purpose protocol
using BASIC in ASCII Unit
Temperature controller,
bar code reader, etc.
CX-Programmer
CX-Protocol
CX-Motion
Commercially-available
external device
Commercially-available
external device
Non-OMRON
PLCs, etc.
Programming
Console
Programmable
Terminal


유사한 부품 번호 - CS1W-SCU21-V1

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
CS1W-SCB21 OMRON-CS1W-SCB21 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-SCB21 OMRON-CS1W-SCB21 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
CS1W-SCB41 OMRON-CS1W-SCB41 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-SCB41 OMRON-CS1W-SCB41 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

유사한 설명 - CS1W-SCU21-V1

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
logo
List of Unclassifed Man...
DVS-3R6D473T ETC2-DVS-3R6D473T Datasheet
166Kb / 2P
   High temperature tolerant -25 to 85??and highly reliable.
DVL-5R5D104T-R5 ETC2-DVL-5R5D104T-R5 Datasheet
330Kb / 3P
   High temperature tolerant -40 to 85??and highly reliable.
logo
Omron Electronics LLC
CP1W-40EDR OMRON-CP1W-40EDR Datasheet
1Mb / 9P
   Compact machine controllers
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Toshiba Semiconductor
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Toshiba Semiconductor
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com