전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BCX52-16-E6327 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BCX52-16-E6327
상세설명  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX52-16-E6327 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BCX52-16-E6327 Datasheet HTML 1Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 2Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 3Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 4Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 5Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 6Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 7Page - Infineon Technologies AG BCX52-16-E6327 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2011-07-29
4
BCX51...-BCX53...
DC current gain hFE = ƒ(IC)
VCE = 2 V
10
10
10
10
BCX 51...53
EHP00440
h
mA
0
1
34
FE
3
10
10 2
0
10
5
5
10 1
2
10
5
100
25
-50
55
5
C
Ι
˚C
˚C
˚C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0
0.4
0.8
BCX 51...53
EHP00441
V
CE sat
V
mA
10
4
1
10
10
10
2
10
10
3
10
Ι
C
5
5
5
10
0
0.2
0.6
100
25
-50
˚C
˚C
˚C
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
10
0
0.6
BCX 51...53
EHP00443
V
BE sat
10
mA
10
10
10
4
3
2
1
0
5
5
5
V
0.2
0.4
0.8
1.0
1.2
100
25
-50
C
Ι
˚C
˚C
˚C
Collector current IC = ƒ(VBE)
VCE = 2V
10
0
0.6
BCX 51...53
EHP00437
V
BE
10
mA
10
10
10
4
3
2
1
0
5
5
5
V
0.2
0.4
0.8
1.0
1.2
100
25
-50
C
Ι
˚C
˚C
˚C


유사한 부품 번호 - BCX52-16-E6327

제조업체부품명데이터시트상세설명
Zetex Semiconductors
Zetex Semiconductors
BCX52-16-AM ZETEX-BCX52-16-AM Datasheet
28Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
Comchip Technology
Comchip Technology
BCX52-16-G COMCHIP-BCX52-16-G Datasheet
177Kb / 6P
   General Purpose Transistor
More results

유사한 설명 - BCX52-16-E6327

제조업체부품명데이터시트상세설명
Infineon Technologies AG
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
Siemens Semiconductor Group
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
Infineon Technologies AG
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BC807W INFINEON-BC807W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
BCP51 INFINEON-BCP51 Datasheet
48Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
Infineon Technologies AG
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com