전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC8811IBDGKT 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC8811IBDGKT
상세설명  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811IBDGKT 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DAC8811IBDGKT Datasheet HTML 4Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 5Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 6Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 7Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 8Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 9Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 10Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 11Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
THEORY OF OPERATION
VREF
GND
IOUT
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
RFB
R
R
R
V
OUT
+ *VREF
CODE
65536
(1)
_
+
OPA277
V+
V−
15 V
−15 V
VO
VDD
RFB
IOUT
GND
DAC8811
U2
U1
VDD
VREF
DAC8811
SLAS411B – NOVEMBER 2004 – REVISED FEBRUARY 2007
The DAC8811 is a single channel current output, 16-bit digital-to-analog converter (DAC). The architecture,
illustrated in Figure 17, is an R-2R ladder configuration with the three MSBs segmented. Each 2R leg of the
ladder is either switched to GND or the IOUT terminal. The IOUT terminal of the DAC is held at a virtual GND
potential by the use of an external I/V converter op amp. The R-2R ladder is connected to an external reference
input VREF that determines the DAC full-scale current. The R-2R ladder presents a code independent load
impedance to the external reference of 5 k
Ω ±25%. The external reference voltage can vary in a range of -15 V
to 15 V, thus providing bipolar IOUT current operation. By using an external I/V converter and the DAC8811 RFB
resistor, output voltage ranges of -VREF to VREF can be generated.
Figure 17. Equivalent R-2R DAC Circuit
When using an external I/V converter and the DAC8811 RFB resistor, the DAC output voltage is given by
Equation 1:
Each DAC code determines the 2R leg switch position to either GND or IOUT. Because the DAC output
impedance as seen looking into the IOUT terminal changes versus code, the external I/V converter noise gain will
also change. Because of this, the external I/V converter op amp must have a sufficiently low offset voltage such
that the amplifier offset is not modulated by the DAC IOUT terminal impedance change. External op amps with
large offset voltages can produce INL errors in the transfer function of the DAC8811 due to offset modulation
versus DAC code. For best linearity performance of the DAC8811, an op amp (OPA277) is recommended
(Figure 18). This circuit allows VREF swinging from -10 V to +10 V.
Figure 18. Voltage Output Configuration
8
Submit Documentation Feedback


유사한 부품 번호 - DAC8811IBDGKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8811IBDGKT TI1-DAC8811IBDGKT Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKTG4 TI1-DAC8811IBDGKTG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

유사한 설명 - DAC8811IBDGKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com