전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2590HVSX-5.0-NOPB 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM2590HVSX-5.0-NOPB
상세설명  LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2590HVSX-5.0-NOPB 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM2590HVSX-5.0-NOPB Datasheet HTML 7Page - Texas Instruments LM2590HVSX-5.0-NOPB Datasheet HTML 8Page - Texas Instruments LM2590HVSX-5.0-NOPB Datasheet HTML 9Page - Texas Instruments LM2590HVSX-5.0-NOPB Datasheet HTML 10Page - Texas Instruments LM2590HVSX-5.0-NOPB Datasheet HTML 11Page - Texas Instruments LM2590HVSX-5.0-NOPB Datasheet HTML 12Page - Texas Instruments LM2590HVSX-5.0-NOPB Datasheet HTML 13Page - Texas Instruments LM2590HVSX-5.0-NOPB Datasheet HTML 14Page - Texas Instruments LM2590HVSX-5.0-NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PIN FUNCTIONS (Continued)
Note If any of the above three features (Shutdown
/Soft-start, Error Flag, or Delay) are not used, the respective
pins can be left open.
10134731
FIGURE 2. Soft-Start, Delay, Error Output
www.national.com
10


유사한 부품 번호 - LM2590HVSX-5.0-NOPB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2590HVSX-5.0/NOPB TI1-LM2590HVSX-5.0/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results

유사한 설명 - LM2590HVSX-5.0-NOPB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2590HVSX-33 TI-LM2590HVSX-33 Datasheet
727Kb / 22P
[Old version datasheet]   LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage
logo
National Semiconductor ...
LM2590HV-AQ NSC-LM2590HV-AQ Datasheet
885Kb / 22P
   SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com