전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TZY2K450A001 데이터시트(PDF) 8 Page - Murata Manufacturing Co., Ltd.

부품명 TZY2K450A001
상세설명  Ceramic Trimmer Capacitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2K450A001 데이터시트(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button TZY2K450A001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
6
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Continued from the preceding page.
s Land Pattern
2.2
1.2
Tolerance:
±0.1
in mm
s Temperature Profile
t3
t2
T3
T2
T5
T4
T1
time (s)
t1
Reflow Soldering Profile
qSoldering profile for Lead-free solder (96.5Sn/3Ag/0.5Cu)
Standard Profile
Pre-heating
Heating
Peak
temperature
(T3)
Cycle
of reflow
Temp. (T1)
Time (t1)
Temp. (T2)
Time (t2)
2 times
245
±3°C
150 to 180
°C 60 to 120sec.
220
°C
30 to 60sec.
Limit Profile
Standard Profile
Standard Profile
Pre-heating
Heating
Cycle
of reflow
Temp. (T1)
Time (t1)
Temp. (T2)
Time (t2)
1 time
230 +5/-0
°C
150
°C
60 to 120sec.
183
°C
30sec.
Limit Profile
Pre-heating
Heating
Cycle
of reflow
Temp. (T1)
Time (t1)
Temp. (T4)
Time (t3)
2 times
260 +5/-0
°C
150 to 180
°C 60 to 120sec.
230
°C
30 to 50sec.
time (s)
Standard Profile
t1
T1
t2
T3
T2
wSoldering profile for Eutectic solder (63Sn/37Pb)
(Limit profile: refer to q)
Solder Iron
Standard Profile
Temperature of soldering iron tip
Soldering time
Soldering iron power output
350
±10°C
3sec. max.
30W max.
1 time
Cycle of solder iron
Peak
temperature
(T5)
Peak
temperature
(T3)
s Notice (Storage and Operating Condition)
1. Do not use the trimmer capacitor under atmosphere
of RTV silicone rubber (Room Temperature
Vulcanizing Silicone Rubber) except Acetone
liberating silicone sealant.
2. Before using trimmer capacitor, please store under
the condition of -10 to +40 degrees C and 30 to
85%RH.
3. Do not store in or near corrosive gasses.
4. Use within 6 months of delivery.
5. Do not store under direct sunlight.
6. Do not use the trimmer capacitor under the
conditions listed below.
(1) Corrosive gasses atmosphere
(ex. Chlorine gas, Hydrogen sulfide gas,
Ammonia gas, Sulfuric acid gas, Nitric oxide gas,
etc.)
(2) In liquid (ex. water, oil, medical liquid,
organic solvent, etc.)
(3) Dusty / dirty atmosphere
(4) Direct sunlight
(5) Static voltage nor electric/magnetic fields
(6) Direct sea breeze
(7) Other variations of the above
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
T13E.pdf
08.8.27


유사한 부품 번호 - TZY2K450A001

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
TZY2K450A001 MURATA-TZY2K450A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZY2K450A001B00 MURATA-TZY2K450A001B00 Datasheet
200Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2K450A001B00 MURATA1-TZY2K450A001B00 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2K450A001B00 MURATA1-TZY2K450A001B00_V01 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
logo
Murata Manufacturing Co...
TZY2K450A001R00 MURATA-TZY2K450A001R00 Datasheet
198Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results

유사한 설명 - TZY2K450A001

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com