전자부품 데이터시트 검색엔진 |
|
SM5817PL 데이터시트(PDF) 1 Page - Micro Commercial Components |
|
SM5817PL 데이터시트(HTML) 1 Page - Micro Commercial Components |
1 / 3 page SM5817PL THRU Schottky Barrier Diodes 20 to 40 Volts Features • High-Surge-Capability • Low Forward Voltage • Low-Profile-Package Mechanical Data Symbol Rating Rating Unit Maximum RMS Voltage SM5817PL SM5818PL 14 21 V VRRM Repetitive Reverse Voltage SM5817PL SM5818PL 20 30 V IF(AV) Rectified Current (Average) Half Wave Rectification with Resist. Load at TL=90 OC 1.0 A IFSM Surge Forward Current at ,TL=70 OC,8.3ms 30 A RthJA TJ Junction Temperature -65 to +125 OC TSTG Storage Temperature -65 to +125 OC Electrical Characteristics @ 25 OC Unless Otherwise Specified Symbol Parameter Min Typ Max Units VF Forward Voltage SM5817PL SM5818PL --- --- 0.45 0.56 --- --- V IR Leakage Current --- --- 0.1 9.0 ---- --- mA mA Cj Typical--Junction--Capacitance @f=1.0MHz,Vr=4V --- 110 --- pF omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC TM Micro Commercial Components 0.036” 0.093” 0.048” SUGGESTED SOLDER PAD LAYOUT DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A B E C D H G SOD-123FL SM5819PL SM5819PL 28 SM5819PL 40 RthJC RthJL Typical Thermal Resistance (Note2) OC/W 88 43 30 PD Power Dissipation OC/W OC/W 1.14 W (@1A dc) SM5819PL 0.60 --- --- VRMS Maximum Ratings @TA=25 @TA=100 OC OC Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7. 2. Thermal Resistence : PC Board Mounted on 0.2*0.2"(5*5mm) copper pad area. • Marking Code: SM5817PL---K2;SM5818PL---K3 ; SM5819PL---K4 • Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information) www.mccsemi.com 1 of 3 Revision: D 2013/05/15 • Packaging: SOD-123FL • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 A .140 .152 3.55 3.85 B .100 .122 2.55 3.10 C .055 .075 1.40 1.90 D .035 .047 0.90 1.20 E .020 .041 0.50 1.05 G .010 ----- 0.25 ----- H ----- .010 ---- .25 • Halogen free available upon request by adding suffix "-HF" |
유사한 부품 번호 - SM5817PL |
|
유사한 설명 - SM5817PL |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |