전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU1BTD2WNVX-XTL 데이터시트(PDF) 1 Page - Rohm

부품명 BU1BTD2WNVX-XTL
상세설명  high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU1BTD2WNVX-XTL 데이터시트(HTML) 1 Page - Rohm

  BU1BTD2WNVX-XTL Datasheet HTML 1Page - Rohm BU1BTD2WNVX-XTL Datasheet HTML 2Page - Rohm BU1BTD2WNVX-XTL Datasheet HTML 3Page - Rohm BU1BTD2WNVX-XTL Datasheet HTML 4Page - Rohm BU1BTD2WNVX-XTL Datasheet HTML 5Page - Rohm BU1BTD2WNVX-XTL Datasheet HTML 6Page - Rohm BU1BTD2WNVX-XTL Datasheet HTML 7Page - Rohm BU1BTD2WNVX-XTL Datasheet HTML 8Page - Rohm BU1BTD2WNVX-XTL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300050-1-2
TSZ22111・14・001
1/9
7.FEB.2013.Rev.001
Datasheet
CMOS LDO Regulator Series for Portable Equipments
Versatile Package
FULL CMOS LDO Regulator
BUxxTD2WNVX series
●General Description
BUxxTD2WNVX series is high-performance FULL CMOS
regulator with 200-mA output, which is mounted on
versatile package SSON004X1010 (1.00mm
× 1.00 mm
× 0.60mm). It has excellent noise characteristics and
load responsiveness characteristics despite its low circuit
current consumption of 35
μA. It is most appropriate for
various applications such as power supplies for logic IC,
RF, and camera modules.ROHM’s.
●Features
High accuracy detection
low current consumption
Compatible with small ceramic capacitor(Cin=Co=0.47uF)
With built-in output discharge circuit
High ripple rejection
ON/OFF control of output voltage
With built-in over current protection circuit
and thermal shutdown circuit
Low dropout voltage
●Typical Application Circuit
●Key Specifications
Output voltage:
1.0V to 3.4V
Accuracy output voltage:
±1.0% (±25mV)
Low current consumption:
35
μA
Operating temperature range:
-40°C to +85°C
●Applications
Battery-powered portable equipment, etc.
●Package
SSON004X1010 :
1.00mm x 1.00mm x 0.60mm
Fig.1 Application Circuit
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
STBY
VIN
GND
STBY
GND
GND
VOUT
VOUT
VIN


유사한 부품 번호 - BU1BTD2WNVX-XTL

제조업체부품명데이터시트상세설명
logo
Rohm
BU1BUA3WNVX-TL ROHM-BU1BUA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU1BUB3WG-GTL ROHM-BU1BUB3WG-GTL Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU1BUB3WG-GTR ROHM-BU1BUB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU1BUC3WG-TL ROHM-BU1BUC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU1BUC3WG-TR ROHM-BU1BUC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

유사한 설명 - BU1BTD2WNVX-XTL

제조업체부품명데이터시트상세설명
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com