전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4210F 데이터시트(PDF) 1 Page - Rohm

부품명 BU4210F
상세설명  CMOS Voltage Detector ICs with adjustable output delay.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4210F 데이터시트(HTML) 1 Page - Rohm

  BU4210F Datasheet HTML 1Page - Rohm BU4210F Datasheet HTML 2Page - Rohm BU4210F Datasheet HTML 3Page - Rohm BU4210F Datasheet HTML 4Page - Rohm BU4210F Datasheet HTML 5Page - Rohm BU4210F Datasheet HTML 6Page - Rohm BU4210F Datasheet HTML 7Page - Rohm BU4210F Datasheet HTML 8Page - Rohm BU4210F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product structure
Silicon monolithic integrated circuit
This product is not designed for protection against radioactive rays
.
1/13
Datasheet
TSZ02201-0R7R0G300050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
TSZ22111
14
001
www.rohm.com
Voltage Detector IC Series
Low Voltage Free Delay Time Setting
CMOS Voltage Detector IC Series
BU42xx series
BU43xx series
General Description
ROHM’s BU42xx and BU43xx series are CMOS Voltage
Detector ICs with adjustable output delay. It is a
high-accuracy, low current consumption Voltage Detector
IC series with a built-in delay circuit. The lineup was
established with two output types (Nch open drain and
CMOS output) and detection voltages range from 0.9V to
4.8V in increments of 0.1V, so that the series may be
selected according to application.
Features
Delay Time Controlled by external Capacitor
Two output types (Nch open drain and CMOS output)
Ultra-low current consumption
Wide operating temperature range
Very small and low height package
Package SSOP5 and SOP4 is similar to SOT-23-5
and SC-82 respectively (JEDEC)
Key Specifications
Detection voltage:
0.9V to 4.8V (Typ.)
0.1V steps
High accuracy detection voltage:
±1.0%
Ultra-low current consumption:
0.55µA (Typ.)
Operating temperature range:
-40°C to +125°C
Package
SSOP5:
2.90mm x 2.80mm x 1.25mm
SOP4:
2.00mm x 2.10mm x 0.95mm
VSOF5:
1.60mm x 1.60mm x 0.60mm
Applications
Circuits using microcontrollers or logic circuits that require
a reset.
Typical Application Circuit
Connection Diagram & Pin Descriptions
SSOP5
SOP4
VSOF5
PIN
No.
Symbol
Function
PIN
No.
Symbol
Function
PIN
No.
Symbol
Function
1
VOUT
Reset output
1
GND
GND
1
VOUT
Reset output
2
VDD
Power supply voltage
2
VDD
Power supply voltage
2
SUB
Substrate*
3
GND
GND
3
CT
Capacitor connection
terminal
for
output
delay time
3
CT
Capacitor connection
terminal
for
output
delay time
4
N.C.
Unconnected terminal
4
VOUT
Reset output
4
VDD
Power supply voltage
5
CT
Capacitor
connection
terminal
for
output
delay time
5
GND
GND
VDD1
BU42xx
VDD2
GND
CL
(Capacitor for
noise filtering)
CT
RL
CIN
RST
Micro
controller
Open Drain Output type
BU42xx series
VDD1
BU43xx
CIN
GND
CT
CL
(Capacitor for
noise filtering)
RST
Micro
controller
CMOS Output type
BU43xx series
TOP VIEW
TOP VIEW
TOP VIEW
*Connect the substrate to VDD
GND
VDD
CT
VOUT
1
2
3
4
Marking
Lot. No
VOUT
VDD
GND
N.C.
CT
Lot. No
Marking
VDD
VOUT
SUB
CT
GND
4
3
2
1
5
Marking
Lot. No


유사한 부품 번호 - BU4210F

제조업체부품명데이터시트상세설명
logo
Rohm
BU4210F ROHM-BU4210F Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4210F ROHM-BU4210F Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4210F ROHM-BU4210F Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4210F ROHM-BU4210F Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4210F-TR ROHM-BU4210F-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

유사한 설명 - BU4210F

제조업체부품명데이터시트상세설명
logo
Rohm
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
   Voltage Detector IC Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com