전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF13N10L 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FQPF13N10L
상세설명  100V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF13N10L 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FQPF13N10L Datasheet HTML 1Page - Fairchild Semiconductor FQPF13N10L Datasheet HTML 2Page - Fairchild Semiconductor FQPF13N10L Datasheet HTML 3Page - Fairchild Semiconductor FQPF13N10L Datasheet HTML 4Page - Fairchild Semiconductor FQPF13N10L Datasheet HTML 5Page - Fairchild Semiconductor FQPF13N10L Datasheet HTML 6Page - Fairchild Semiconductor FQPF13N10L Datasheet HTML 7Page - Fairchild Semiconductor FQPF13N10L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A4, December 2000
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ N o te s :
1 . Z
θ JC (t) = 5 . 0
℃ /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM - T C
= P
DM * Z θ JC (t)
s ing le pu ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 , S q u a r e
W a v e P u ls e D u r a tio n [s e c ]
25
50
75
100
125
150
175
0.0
1.5
3.0
4.5
6.0
7.5
9.0
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
100 ms
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 175
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D = 6.4 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D
= 250 μA
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


유사한 부품 번호 - FQPF13N10L

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQPF13N10L ISC-FQPF13N10L Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

유사한 설명 - FQPF13N10L

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQB33N10L FAIRCHILD-FQB33N10L Datasheet
660Kb / 9P
   100V LOGIC N-Channel MOSFET
FQPF19N10L FAIRCHILD-FQPF19N10L Datasheet
614Kb / 8P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L_09 Datasheet
635Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD13N10L KERSEMI-KSMD13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSM13N10L KERSEMI-KSM13N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQB19N10L FAIRCHILD-FQB19N10L Datasheet
609Kb / 9P
   100V LOGIC N-Channel MOSFET
FQT7N10L FAIRCHILD-FQT7N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
FQB7N10L FAIRCHILD-FQB7N10L Datasheet
556Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU13N10L KERSEMI-KSMU13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com