전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8634HFZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8634HFZ
상세설명  High Temperature, Low Power Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8634HFZ 데이터시트(HTML) 4 Page - Analog Devices

  AD8634HFZ Datasheet HTML 1Page - Analog Devices AD8634HFZ Datasheet HTML 2Page - Analog Devices AD8634HFZ Datasheet HTML 3Page - Analog Devices AD8634HFZ Datasheet HTML 4Page - Analog Devices AD8634HFZ Datasheet HTML 5Page - Analog Devices AD8634HFZ Datasheet HTML 6Page - Analog Devices AD8634HFZ Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AD8634
Preliminary Technical Data
Rev. PrA | Page 4 of 7
ELECTRICAL CHARACTERISTICS, VSY = +3.0 V
VSY = ±+3.0 V, VCM = +1.5 V, VOUT = −1.5 V, TMIN ≤ TA ≤ TMAX, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions
SOIC Package
−40°C ≤ TA ≤ +175°C
Flatpack Package
−40°C ≤ TA ≤ +210°C
Unit
Min
Typ
Max
Min
Typ
Max
INPUT CHARACTERISTICS
Offset Voltage
VOS
200
200
μV
Offset Voltage Drift
ΔVOS/ΔT
0.6
0.8
μV/°C
Offset Voltage Matching
TA = 175°C
150
150
μV
Input Bias Current
IB
−200
+200
−200
+200
nA
Input Offset Current
IOS
30
30
nA
Input Voltage Range
0.3
2.7
0.5
2.5
V
Common-Mode Rejection
Ratio
CMRR
VCM = 0.3 V to 2.7 V
60
65
55
60
dB
Large Signal Voltage Gain
AVO
0.5 V ≤ VO ≤ 2.5 V,
RL = 2 kΩ
104
112
100
108
dB
Input Impedance
Differential
TBD
TBD
kΩ||pF
Common-Mode
TBD
TBD
MΩ||pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
2.8
2.90
2.8
2.90
V
RL = 2 kΩ to VCM
2.0
2.5
2.0
2.5
V
RL = 2 kΩ to VCM, TA = TMAX
2.60
2.75
2.60
2.75
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
50
200
50
200
mV
RL = 2 kΩ to VCM
200
300
250
350
mV
Short-Circuit Current
ISC
15
15
mA
POWER SUPPLY
Power Supply Rejection
Ratio
PSRR
VSY = ±1.25 V to ±1.75 V
97
102
95
100
dB
Supply Current per
Amplifier
ISY
IO = 0 mA, TA = TMAX
0.9
1.1
1.0
1.2
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
3.5
3.5
V/μs
Gain Bandwidth Product
GBP
VIN = 5 mV p-p, RL = 10 kΩ,
AV = 100
9.7
9.7
MHz
Unity-Gain Crossover
UGC
VIN = 5 mV p-p, RL = 10 kΩ,
AV = 1
2.5
2.5
MHz
−3 dB Closed-Loop
Bandwidth
−3dB
VIN = 5 mV p-p, AV = 1
4.9
4.9
MHz
Phase Margin
ΦM
84
82
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.13
0.13
μV p-p
Voltage Noise Density
en
f = 1 kHz
4.0
4.0
nV/√Hz
Current Noise Density
in
0.6
0.6
pA/√Hz


유사한 부품 번호 - AD8634HFZ

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
AD8634 UMW-AD8634 Datasheet
1Mb / 15P
   480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
More results

유사한 설명 - AD8634HFZ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HT1104 ETC1-HT1104 Datasheet
302Kb / 8P
   HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
   Low Power, High Precision Operational Amplifier
Rev. F
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
   LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2705 INTERSIL-HA-2705 Datasheet
514Kb / 3P
   Low Power, High Performance Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
   High Speed Low Power Operational Amplifier
OP97 AD-OP97 Datasheet
363Kb / 12P
   Low-Power, High-Precision Operational Amplifier
REV. D
logo
Global Mixed-mode Techn...
G1577 GMT-G1577 Datasheet
380Kb / 1P
   Low Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com