전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF2N50 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FQPF2N50
상세설명  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF2N50 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FQPF2N50 Datasheet HTML 1Page - Fairchild Semiconductor FQPF2N50 Datasheet HTML 2Page - Fairchild Semiconductor FQPF2N50 Datasheet HTML 3Page - Fairchild Semiconductor FQPF2N50 Datasheet HTML 4Page - Fairchild Semiconductor FQPF2N50 Datasheet HTML 5Page - Fairchild Semiconductor FQPF2N50 Datasheet HTML 6Page - Fairchild Semiconductor FQPF2N50 Datasheet HTML 7Page - Fairchild Semiconductor FQPF2N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
  
 




















     
 
           
 ! "
 # $ % & ! '   (#  
  
) 
 *     +  ,    
 
  
 

 

 


                 














 

















µ




 









 !"#!
!  











  

  


 













  
 
   
 
  



% 

 !   
() *$$" &  +
',) *$$ 
 #$  
- .!   
#$  
/   
#$  
''# #$  

"



유사한 부품 번호 - FQPF2N50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF2N30 FAIRCHILD-FQPF2N30 Datasheet
742Kb / 8P
   300V N-Channel MOSFET
FQPF2N40 FAIRCHILD-FQPF2N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQPF2N60 FAIRCHILD-FQPF2N60 Datasheet
562Kb / 8P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQPF2N60 KERSEMI-FQPF2N60 Datasheet
740Kb / 7P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF2N60C FAIRCHILD-FQPF2N60C Datasheet
830Kb / 10P
   600V N-Channel MOSFET
More results

유사한 설명 - FQPF2N50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com