전자부품 데이터시트 검색엔진 |
|
BU4222F 데이터시트(PDF) 10 Page - Rohm |
|
BU4222F 데이터시트(HTML) 10 Page - Rohm |
10 / 16 page Datasheet 10/13 BU42xx series BU43xx series TSZ02201-0R7R0G300050-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013 Rev.006 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Application Information Explanation of Operation For both the open drain type (Fig.15) and the CMOS output type (Fig.16), the detection and release voltages are used as threshold voltages. When the voltage applied to the VDD pins reaches the applicable threshold voltage, the VouT terminal voltage switches from either “High” to “Low” or from “Low” to “High”. BU42xx and BU43xx series have delay time function which set tPLH (Output “Low” ”High”) using an external capacitor (CCT). Because the BU42xx series uses an open drain output type, it is necessary to connect a pull-up resistor to VDD or another power supply if needed [The output “High” voltage (VOUT) in this case becomes VDD or the voltage of the other power supply]. Fig.15 (BU42xx series Internal Block Diagram) Fig.16 (BU43xx type Internal Block Diagram) Setting of Detector Delay Time The delay time of this detector IC can be set at the rise of VDD by the capacitor connected to CT terminal. Delay time at the rise of VDD tPLH:Time until when VouT rises to 1/2 of VDD after VDD rises up and beyond the release voltage(VDET+∆VDET) TPLH=-1×CCT×RCT×ln CCT: CT pin Externally Attached Capacitance VCTH: CT pin Threshold Voltage(P.3 VCTH refer.) RCT: CT pin Internal Impedance(P.3 RCT refer.) ln: Natural Logarithm Reference Data of Falling Time (tPHL) Output Examples of Falling Time (tPHL) Output Part Number tPHL [µs] BU4245 275.7 BU4345 359.3 * This data is for reference only. The figures will vary with the application, so please confirm the actual operating conditions before use. Timing Waveforms Example: The following shows the relationship between the input voltage VDD, the CT Terminal Voltage VCT and the output voltage VOUT when the input power supply voltage VDD is made to sweep up and sweep down (The circuits are shown in Fig.15 and 16). ① When the power supply is turned on, the output is unstable from after over the operating limit voltage (VOPL) until tPHL. Therefore, it is possible that the reset signal is not outputted when the rise time of VDD is faster than tPHL. ② When VDD is greater than VOPL but less than the reset release voltage (VDET+∆VDET), the CT terminal (VCT) and output (VOUT) voltages will switch to L. ③ If VDD exceeds the reset release voltage (VDET+VDET), then VOUT switches from L to H (with a delay to the CT terminal). ④ If VDD drops below the detection voltage (VDET) when the power supply is powered down or when there is a power supply fluctuation, VOUT switches to L (with a delay of tPHL). ⑤ The potential difference between the detection voltage and the release voltage is known as the hysteresis width (VDET). The system is designed such that the output does not toggle with power supply fluctuations within this hysteresis width, preventing malfunctions due to noise. Vref VDD GND CT R1 R2 R3 Q3 Q1 VOUT RESET VDD Vref VDD GND CT R1 R2 R3 Q3 Q2 VOUT RESET Q1 VDD VDD-VCTH VDD VDD VDET+ Δ VDET VDET VOPL 0V 1/2 VDD tPHL ① tPLH tPHL tPLH ② ③ ④ ⑤ VCT VOUT Fig.17 Timing Waveforms |
유사한 부품 번호 - BU4222F |
|
유사한 설명 - BU4222F |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |