전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1404STRLPBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF1404STRLPBF
상세설명  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1404STRLPBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF1404STRLPBF Datasheet HTML 3Page - International Rectifier IRF1404STRLPBF Datasheet HTML 4Page - International Rectifier IRF1404STRLPBF Datasheet HTML 5Page - International Rectifier IRF1404STRLPBF Datasheet HTML 6Page - International Rectifier IRF1404STRLPBF Datasheet HTML 7Page - International Rectifier IRF1404STRLPBF Datasheet HTML 8Page - International Rectifier IRF1404STRLPBF Datasheet HTML 9Page - International Rectifier IRF1404STRLPBF Datasheet HTML 10Page - International Rectifier IRF1404STRLPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRF1404S/LPbF
www.irf.com
9
ASS EMBLY
LOT CODE
RECTIFIER
INTERNATIONAL
AS SEMBLED ON WW 19, 1997
Note: "P" in assembly line
position indicates "Lead-Free"
IN THE ASS EMBLY LINE "C"
LOGO
THIS IS AN IRL3103L
LOT CODE 1789
EXAMPLE:
LINE C
DATE CODE
WEEK 19
YEAR 7 = 1997
PART NUMBER
PART NUMBER
LOGO
LOT CODE
ASSEMBLY
INTERNATIONAL
RECTIFIER
PRODUCT (OPTIONAL)
P = DES IGNATES LEAD-FREE
A = ASSEMBLY SITE CODE
WEEK 19
YEAR 7 = 1997
DATE CODE
OR
TO-262 Part Marking Information
TO-262 Package Outline
IGBT
1- GATE
2- COLLECTOR
3- EMITTER


유사한 부품 번호 - IRF1404STRLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
329Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF1404S ISC-IRF1404S Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1404SPBF IRF-IRF1404SPBF Datasheet
279Kb / 11P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRF1404STRLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com