전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLMS2002TRPBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRLMS2002TRPBF
상세설명  Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLMS2002TRPBF 데이터시트(HTML) 7 Page - International Rectifier

  IRLMS2002TRPBF Datasheet HTML 1Page - International Rectifier IRLMS2002TRPBF Datasheet HTML 2Page - International Rectifier IRLMS2002TRPBF Datasheet HTML 3Page - International Rectifier IRLMS2002TRPBF Datasheet HTML 4Page - International Rectifier IRLMS2002TRPBF Datasheet HTML 5Page - International Rectifier IRLMS2002TRPBF Datasheet HTML 6Page - International Rectifier IRLMS2002TRPBF Datasheet HTML 7Page - International Rectifier IRLMS2002TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRLMS2002PbF
www.irf.com
7
Micro6™ P
Micro6 (SOT23 6L) Part Marking Information
Micro6 (SOT23 6L) Package Outline
Dimensions are shown in milimeters (inches)
LEAD ASSIGNMENTS
RECOMMENDED FOOTPRINT
DD
D
D
S
G
1
2
3
6
5
4
0 -10
O
O
0.60 (.023 )
0.10 (.004 )
0.20 (.007 )
0.09 (.004 )
6X
1.30 (.051 )
0.90 (.036 )
-C-
0.15 (.006 )
MAX.
1.45 (.057 )
0.90 (.036 )
6 SURFACES
0.10 (.004 )
0.50 (.019 )
0.35 (.014 )
6X
2X
0.95 ( .0375 )
1.75 (.068 )
1.50 (.060 )
-A-
3.00 (.118 )
2.80 (.111 )
-B-
3.00 (.118 )
2.60 (.103 )
1
2
3
6
5
4
6X 0.65 (.025 )
2.20 (.087 )
6X (1.06 (.042 )
2X 0.95 (.0375 )
NOTES :
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : MILLIMETER.
3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES).
0.15 (.006 ) M C A S B S
E
H = IRLMS6803
2005
W = (1-26) IF PRECEDED BY LAST DIGIT OF CALENDAR YEAR
W = (27-52) IF PRECEDED BY ALETT ER
A = IRLMS1902
B = IRLMS1503
C = IRLMS6702
D = IRLMS5703
F = IRLMS4502
E = IRLMS6802
G = IRLMS2002
PART NUMBER CODE REFERENCE:
PART NUMBER
Y = YEAR
W = WEEK
TOP
CODE
LOT
X
24
0
2010
WEEK
WORK
04
4
2004
2001
YEAR
2002
2003
01
1
Y
2
3
02
03
2007
2005
2006
2009
2008
7
5
6
8
9
D
A
W
B
C
WEEK
WORK
25
26
2002
YEAR
2001
2003
2004
28
B
Y
A27
C
D
29
30
Y
Z
B
W
A
C
D
(as shown here) indicates Lead-Free.
Note: A line above the work week
51
2008
2006
2007
2009
2010
H
F
G
J
K50
52
Y
X
Z


유사한 부품 번호 - IRLMS2002TRPBF

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
IRLMS2002TRPBF VBSEMI-IRLMS2002TRPBF Datasheet
990Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - IRLMS2002TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com