전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5062G 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 2N5062G
상세설명  Sensitive Gate Silicon Controlled Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5062G 데이터시트(HTML) 5 Page - ON Semiconductor

  2N5062G Datasheet HTML 1Page - ON Semiconductor 2N5062G Datasheet HTML 2Page - ON Semiconductor 2N5062G Datasheet HTML 3Page - ON Semiconductor 2N5062G Datasheet HTML 4Page - ON Semiconductor 2N5062G Datasheet HTML 5Page - ON Semiconductor 2N5062G Datasheet HTML 6Page - ON Semiconductor 2N5062G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N5060 Series
http://onsemi.com
5
0.7
0.3
0.4
0.5
0.6
0.8
VAK = 7.0 V
RL = 100
RGK = 1.0 k
3.0
0.8
0.4
0.6
1.0
2.0
50
0
-75
-50
-25
4.0
25
100
75
110
TJ, JUNCTION TEMPERATURE (°C)
2N5060,61
100
VAK = 7.0 V
RL = 100
RGK = 1.0 k
0.2
0.5
1.0
2.0
5.0
10
20
50
200
VAK = 7.0 V
RL = 100
2N5062‐64
2N5060‐61
TYPICAL CHARACTERISTICS
50
0
−75
-50
-25
25
100
75
110
TJ, JUNCTION TEMPERATURE (°C)
50
0
-75
-50
-25
25
100
75
TJ, JUNCTION TEMPERATURE (°C)
2N5062‐64
0.02
0.2
20
10
5.0
2.0
1.0
0.05
0.01
0.002
0.005
0.5
0.02
0.01
0.5
0.1
0.05
0.1
0.2
t, TIME (SECONDS)
1.0
110
Figure 6. Thermal Response
Figure 7. Typical Gate Trigger Voltage
Figure 8. Typical Gate Trigger Current
Figure 9. Typical Holding Current


유사한 부품 번호 - 2N5062G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N5062G ONSEMI-2N5062G Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
More results

유사한 설명 - 2N5062G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com