전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF6N70 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FQPF6N70
상세설명  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF6N70 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  FQPF6N70 Datasheet HTML 1Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 2Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 3Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 4Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 5Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 6Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 7Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A2, December 2000
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


유사한 부품 번호 - FQPF6N70

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF6N15 FAIRCHILD-FQPF6N15 Datasheet
744Kb / 8P
   150V N-Channel MOSFET
FQPF6N25 FAIRCHILD-FQPF6N25 Datasheet
734Kb / 8P
   250V N-Channel MOSFET
FQPF6N40C FAIRCHILD-FQPF6N40C Datasheet
851Kb / 10P
   400V N-Channel MOSFET
FQPF6N40CF FAIRCHILD-FQPF6N40CF Datasheet
1Mb / 10P
   400V N-Channel MOSFET
FQPF6N40CF FAIRCHILD-FQPF6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results

유사한 설명 - FQPF6N70

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com