전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G6AK-274P-STLT-US-DC5 데이터시트(PDF) 8 Page - Omron Electronics LLC

부품명 G6AK-274P-STLT-US-DC5
상세설명  Fullly Sealed Relay with High Impulse Withstand
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6AK-274P-STLT-US-DC5 데이터시트(HTML) 8 Page - Omron Electronics LLC

  G6AK-274P-STLT-US-DC5 Datasheet HTML 1Page - Omron Electronics LLC G6AK-274P-STLT-US-DC5 Datasheet HTML 2Page - Omron Electronics LLC G6AK-274P-STLT-US-DC5 Datasheet HTML 3Page - Omron Electronics LLC G6AK-274P-STLT-US-DC5 Datasheet HTML 4Page - Omron Electronics LLC G6AK-274P-STLT-US-DC5 Datasheet HTML 5Page - Omron Electronics LLC G6AK-274P-STLT-US-DC5 Datasheet HTML 6Page - Omron Electronics LLC G6AK-274P-STLT-US-DC5 Datasheet HTML 7Page - Omron Electronics LLC G6AK-274P-STLT-US-DC5 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Low Signal Relay
G6A
OMRON ON-LINE
Global - http://www.omron.com
USA - http://www.components.omron.com
Cat. No. X301-E-1b
Printed in USA
OMRON ELECTRONIC
COMPONENTS LLC
55 E. Commerce Drive, Suite B
Schaumburg, IL 60173
847-882-2288
09/11
Specifications subject to change without notice
All sales are subject to Omron Electronic Components LLC standard terms and conditions of sale, which
can be found at http://www.components.omron.com/components/web/webfiles.nsf/sales_terms.html
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


유사한 부품 번호 - G6AK-274P-STLT-US-DC5

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6AK-274P-ST-US OMRON-G6AK-274P-ST-US Datasheet
599Kb / 10P
   Low Signal Relay
G6AK-274P-ST-US OMRON-G6AK-274P-ST-US Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
G6AK-274P-ST40-US OMRON-G6AK-274P-ST40-US Datasheet
599Kb / 10P
   Low Signal Relay
G6AK-274P-ST40-US OMRON-G6AK-274P-ST40-US Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
More results

유사한 설명 - G6AK-274P-STLT-US-DC5

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6A2LDC24 OMRON-G6A2LDC24 Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
G5NB-1ADC12 OMRON-G5NB-1ADC12 Datasheet
538Kb / 6P
   A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
G5NB-1A-DC5 OMRON-G5NB-1A-DC5 Datasheet
538Kb / 6P
   A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
G5NB-E OMRON-G5NB-E Datasheet
229Kb / 4P
   A Miniature Relay with 1-pole 5 A Switching Capability and 10 kV Impulse Withstand Voltage
G5NB OMRON-G5NB_V01 Datasheet
909Kb / 6P
    A Miniature Relay with 1-pole 3A/5A Switching Capability and 10 kV Impulse Withstand Voltage
2007-2021
logo
Tyco Electronics
S89R MACOM-S89R Datasheet
82Kb / 2P
   Low cost, bistable impulse relay.
logo
Seiko Instruments Inc
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
   HIGH-WITHSTAND VOLTAGE
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
logo
Bourns Electronic Solut...
3214J-1-502E BOURNS-3214J-1-502E Datasheet
675Kb / 2P
   Trimpot Trimming Potentiometer Sealed to withstand board wash processing
logo
Fortune Semiconductor C...
FS7755 FORTUNE-FS7755 Datasheet
864Kb / 22P
   Energy Metering IC with Impulse Output
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com