전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G6AK-274P-ST-US 데이터시트(PDF) 2 Page - Omron Electronics LLC

부품명 G6AK-274P-ST-US
상세설명  Fullly Sealed Relay with High Impulse Withstand
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6AK-274P-ST-US 데이터시트(HTML) 2 Page - Omron Electronics LLC

  G6AK-274P-ST-US Datasheet HTML 1Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 2Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 3Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 4Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 5Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 6Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 7Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
68
Low Signal Relay
G6A
Specifications
■ Contact Data
* 0.25A at 125VAC for latching models
Note: P level:
λ
60 = 0.1 x 10
–6/operation
This value was measured at a switching frequency of 60 operations/min and the criterion of contact resistance is 50
Ω. This value may vary
depending on the switching frequency and operating environment. Always double-check relay suitability under actual operating conditions.
■ Coil Data
Standard Non-latching DPDT (G6A-274P-ST-US)
Low-sensitivity Non-latching DPDT (G6A-274P-ST40-US)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil.
Type
G6A-274P-ST(40)-US
G6AK-274P-ST(40)-US
G6AU-274P-ST-US
Load
Resistive load (p.f. = 1)
Inductive load (p.f. = 0.4)
(L/R = 7 ms)
Rated load
0.50 A at 125 VAC,
2 A at 30 VDC
0.3 A* at 125 VAC,
1 A at 30 VDC
Contact material
Ag (Au clad)
Carry current
3 A
Max. operating voltage
250 VAC, 220 VDC
Max. operating current
2 A
1 A
Max. switching capacity
125 VA, 60 W
62.50 VA, 30 W
Min. permissible load (See note)
10
μA, 10 mVDC
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
66.70
45
0.07
0.065
70% max.
10% min.
200%
at 23
°C
Approx. 200
4.5
44.6
101
0.16
0.14
5
40
125
0.20
0.18
6
33.30
180
0.29
0.26
9
22.20
405
0.63
0.57
12
16.70
720
1.10
1.06
24
8.30
2,880
4.50
4.10
48
4.90
9,750
13.70
12.50
Approx. 235
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
133.30
22.50
0.03
0.02
70% max.
10% min.
150%
at 23
°C
Approx. 400
4.5
88.9
50.6
0.065
0.06
5
80
62.50
0.08
0.07
6
66.70
90
0.11
0.10
9
44.30
203
0.27
0.23
12
33.30
360
0.52
0.43
24
16.70
1,440
2.10
1.80
48
8.30
5,760
7.50
6.40


유사한 부품 번호 - G6AK-274P-ST-US

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6AK-274P-ST-US OMRON-G6AK-274P-ST-US Datasheet
599Kb / 10P
   Low Signal Relay
G6AK-274P-ST-US OMRON-G6AK-274P-ST-US Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
More results

유사한 설명 - G6AK-274P-ST-US

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6A2LDC24 OMRON-G6A2LDC24 Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
G5NB-1ADC12 OMRON-G5NB-1ADC12 Datasheet
538Kb / 6P
   A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
G5NB-1A-DC5 OMRON-G5NB-1A-DC5 Datasheet
538Kb / 6P
   A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
G5NB-E OMRON-G5NB-E Datasheet
229Kb / 4P
   A Miniature Relay with 1-pole 5 A Switching Capability and 10 kV Impulse Withstand Voltage
G5NB OMRON-G5NB_V01 Datasheet
909Kb / 6P
    A Miniature Relay with 1-pole 3A/5A Switching Capability and 10 kV Impulse Withstand Voltage
2007-2021
logo
Tyco Electronics
S89R MACOM-S89R Datasheet
82Kb / 2P
   Low cost, bistable impulse relay.
logo
Seiko Instruments Inc
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
   HIGH-WITHSTAND VOLTAGE
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
logo
Bourns Electronic Solut...
3214J-1-502E BOURNS-3214J-1-502E Datasheet
675Kb / 2P
   Trimpot Trimming Potentiometer Sealed to withstand board wash processing
logo
Fortune Semiconductor C...
FS7755 FORTUNE-FS7755 Datasheet
864Kb / 22P
   Energy Metering IC with Impulse Output
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com