전자부품 데이터시트 검색엔진 |
|
LM2576-5.0WT 데이터시트(PDF) 8 Page - Micrel Semiconductor |
|
LM2576-5.0WT 데이터시트(HTML) 8 Page - Micrel Semiconductor |
8 / 9 page M9999-082605-B 8 August 2005 LM2576 Micrel, Inc. LM2575 + 100 µF +VIN 1 3 GND 5 ON/OFF 2 OUTPUT 4 FEEDBACK L1 330 µH + D1 MBR360 COUT 470µF R2 R1 VOUT 5.00V 7V - 40V UNREGULATED DC INPUT CIN L O A D CIN — 100µF, 75V Aluminum Electrolytic COUT — 470µF, 15V Aluminum Electrolytic D1 — Schottky, MBR360 L1 — 330µH, 415-0926 (AIE) R1 — 1k, 0.01% R2 — 3.065k, 0.01% 5-pin TO-220 socket—2936 (Loranger Mfg. Co.) 4-pin TO-3 socket—8112-AG7 (Augat Inc.) LM2575-5.0 + 100 µF +VIN 1 3 GND 5 ON/OFF 2 OUTPUT 4 FEEDBACK L1 330 µH + D1 11DQ06 COUT 220µF VOUT 5.00V Note: Pin numbers are for TO-220 Package 7V - 40V UNREGULATED DC INPUT CIN CIN — 100µF, 75V Aluminum Electrolytic COUT — 330µF, 15V Aluminum Electrolytic D1 — Schottky, 11DQ06 L1 — 100µH, 415-0926 (AIE) 5-pin TO-220 socket—2936 (Loranger Mfg. Co.) 4-pin TO-3 socket—8112-AG7 (Augat Inc.) L O A D ON/OFF COMPARATOR FIXED GAIN ERROR AMP 3 AMP SWITCH OUTPUT DRIVER + - + - VIN FEED- BACK 1.23V BAND-GAP REFERENCE 52 kHz OSCILLATOR RESET THERMAL SHUTDOWN CURRENT LIMIT 5 2 3 1 Note: Pin numbers are for the TO-220 package INTERNAL REGULATOR ON/OFF GND ON/OFF COMPARATOR FIXED GAIN ERROR AMP 3 AMP SWITCH OUTPUT DRIVER + - + - VIN FEED- BACK 1.23V BAND-GAP REFERENCE 52 kHz OSCILLATOR RESET THERMAL SHUTDOWN CURRENT LIMIT 5 2 3 1 4 INTERNAL REGULATOR ON/OFF GND 3.1k 1.0k 4 Block Diagrams As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance generate voltage transients which can cause problems. For minimal stray inductance and ground loops, the length of the leads indicated by heavy lines should be kept as short as possible. Single-point grounding (as indicated) or ground plane construction should be used for best results. Fixed Regulator Adjustable Regulator Test Circuits and Layout Guidelines Figure 1. |
유사한 부품 번호 - LM2576-5.0WT |
|
유사한 설명 - LM2576-5.0WT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |